Electronic Components Datasheet Search
  English  ▼

X  

MAX232CSE Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # MAX232CSE
Description  5V-Powered, Multichannel RS-232
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX232CSE Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  MAX232CSE Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX232CSE Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX232CSE Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX232CSE Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX232CSE Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX232CSE Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX232CSE Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAX232
Recommended Operating Conditions
Rate
Symbol
Parameter
min
max
Unit
VCC
Supply voltage
4.5
5.5
V
V+
Transmitter output high voltage
5.0
-
V-
Transmitter output low voltage
-5.0
-
VTIN
Transmitter input voltage
0
VСС
VRIN
Receiver input voltage
-30
30
ISC
Transmitter short circuit output current
-
±60
mA
Та
Ambient temperature
-40
85
О
С
0.1 µ F
0.1 µ F
16
2
6
14
7
13
8
15
9
12
10
11
5
4
3
1
5V
TTL/CMOS
Intput
TTL/CMOS
Output
RS-232
Input
RS-232
Output
5к
5к
V+
V-
0.1 µ F
0.1 µ F
0.1 µ F
+
+
C1+
C1-
C2+
C2-
+
+
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com