Electronic Components Datasheet Search
  English  ▼

X  

7812 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 7812
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

7812 Datasheet(HTML) 2 Page - Motorola, Inc

  7812 Datasheet HTML 1Page - Motorola, Inc 7812 Datasheet HTML 2Page - Motorola, Inc 7812 Datasheet HTML 3Page - Motorola, Inc 7812 Datasheet HTML 4Page - Motorola, Inc 7812 Datasheet HTML 5Page - Motorola, Inc 7812 Datasheet HTML 6Page - Motorola, Inc 7812 Datasheet HTML 7Page - Motorola, Inc 7812 Datasheet HTML 8Page - Motorola, Inc 7812 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (5.0 – 18 V)
VI
35
Vdc
Input Voltage (24 V)
40
Power Dissipation
Case 221A
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 936 (D2PAK)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
See Figure 13
°C/W
Thermal Resistance, Junction–to–Case
R
θJA
5.0
°C/W
Storage Junction Temperature Range
Tstg
–65 to +150
°C
Operating Junction Temperature
TJ
+150
°C
NOTE: ESD data available upon request.
R15
680
R18
100 k
D1
Zener
R1
10.66 k
R2
1.56 k
R17
9.0 k
Q7
QNPN
LAT
Q17
Q9
QNPN 2
Q8
QNPN
Q14
QNPN
Q6
QNPN
Q5
QNPN 2
LAT 3 A
Q18
R5
4.5 k
R6
1.0 k
Q13
QNPN
Q2
QNPN 4
SUB
Q11 2
R11
15 k
QNPN 6
Q1
R7
14 k
R3
1.8 k
R8
5.0 k
Diode
Q16
Q4
QNPN
N+
C1
30 P
C2
3.0 P
R9
3.0 k
R16
600
R20
17500
Q15
QNPN
Q10
QNPN
R22
100
Q12
QNPN
R24
50
1.0 P
R21
600
R23
0.2
R19
27.5 k
D2
Zener
Q19
QNPN
R14
1.0 k
Q20
QNPN
R28
9.0 k
R27
9.0 k
R29
9.0 k
R25
6.0 k
R26
3.0 k
R12
3.0 k
R10
3340–(3316ACT)
R30
18 k
Sense
Vout
5.01
Vin
R13
11660
Q3
QNPN
MC7800
C3
Representative Schematic Diagram
This device contains 22 active transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com