Electronic Components Datasheet Search
  English  ▼

X  

D2TO35 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # D2TO35
Description  Surface Mounted Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO35 Datasheet(HTML) 1 Page - Vishay Siliconix

  D2TO35 Datasheet HTML 1Page - Vishay Siliconix D2TO35 Datasheet HTML 2Page - Vishay Siliconix D2TO35 Datasheet HTML 3Page - Vishay Siliconix D2TO35 Datasheet HTML 4Page - Vishay Siliconix D2TO35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51058
22
Revision: 19-Jul-11
D2TO35
Vishay Sfernice
Surface Mounted Power Resistor
Thick Film Technology
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FEATURES
 AEC-Q200 qualified
 35 W at 25 °C case temperature
 Surface mounted resistor - TO-263 (D2PAK) style
package
 Wide resistance range from 0.01  to 550 k
 Non inductive
 Resistor isolated from metal tab
 Solder reflow secure at 270 °C/10 s
 Compliant to RoHS Directive 2002/95/EC
Notes
• For the asssembly on board, we recommend the lead (Pb)-free thermal profile as per J-STD-020C
• Power dissipation is 3.3 W at an ambient temperature of 25 °C when mounted on a double sided copper board using FR4 standard, 70 µm of
copper, 39 mm x 30 mm x 1.6 mm
DIMENSIONS in millimeters
ELECTRICAL SPECIFICATIONS
Resistance Range
0.01
 to 550 k
Tolerances (Standard)
± 1 % to 10 %
Power Rating and Thermal Resistance
35 W at 25 °C (case temperature)
RTH (j - c): 4.28 °C/W
Temperature Coefficient
See Special Features table
Standard: ± 150 ppm/°C
Limiting Element Voltage UL
250 V
Dielectric Strength IEC 60115-1
2000 Vrms - 1 min - 10 mA max.
(between terminals and board)
Insulation Resistance
 106 M
Inductance
 0.1 µH
Critical Resistance
1.79 k
SPECIAL FEATURES
Resistance Values
 0.010
 0.045
 0.1
 0.5
Tolerances
± 1 % at ± 10 %
Requirement Temperature Coefficient (TCR)
(- 55 °C + 150 °C)
IEC 60115-1
± 1100 ppm/°C
± 700 ppm/°C
± 250 ppm/°C
± 150 ppm/°C
10.5
1.6
8.8
1.6
Tolerance: ± 0.3 mm
11.00
1.50
6.50
4.02
4.00
2.40
8.00
2.49
0.26
Footprint recommendation for
solderable contact area:
1.25
4.5
2.8
2.2
0.3
2
5.08
7.6
7.8 min.
8.7
0.2
10.1


Similar Part No. - D2TO35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO35 VISHAY-D2TO35 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO35 VISHAY-D2TO35 Datasheet
154Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
Surface Mount Power Resistor Thick Film Technology
23-Sep-15
D2TO35 VISHAY-D2TO35_V01 Datasheet
154Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
More results

Similar Description - D2TO35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20 Datasheet
96Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Feb-15
D2TO035C15R00FTE3 VISHAY-D2TO035C15R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
22-Apr-13
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
Surface Mount Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
Surface Mount Power Resistor Thick Film Technology
23-Sep-15
DTO25 VISHAY-DTO25 Datasheet
154Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
23-Sep-15
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
24-Oct-2019
DTO25 VISHAY-DTO25_V01 Datasheet
186Kb / 7P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
DTO35 VISHAY-DTO35_V01 Datasheet
130Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com