Electronic Components Datasheet Search
  English  ▼

X  

NJM2076 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # NJM2076
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

NJM2076 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  NJM2076 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd NJM2076 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd NJM2076 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd NJM2076 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd NJM2076 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd NJM2076 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicore
D076
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/6
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply Vo ltage
Vcc
4.5
V
Maximu m input signal
V IN
200
mVrms
Power dissipation
P D
500
mW
Operating temp erature range
Topr
-20~75
°C
Storage Temp erature range
Ts tg
-40~125
°C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Ta =25
°C, V+=1.5V)
Characteristics
Sy mbol
Test conditions
Min
Ty p
Max
U nit
Operating Current
Icc
Input: Open
4.7
7.0
mA
( Ⅰ )Stereo Configuration (Test Circuit 1: R L =16
Ω)
Vo ltage Gain
Av
V IN =10mVr ms
26.5
28
29.5
dB
Po 1
THD=10%(D, M-Ty pe)
15
17.5
mW
Max. Output Power
Po 2
THD=10%, V
+ =1.0V
3
mW
To tal Harmonic Distortion
THD1
Po=1mW (126mVr ms /16
Ω)
0.4
0.8
%
Output Noise Vo ltage
V NO1
Rg=0, A curve
50
150
µV
Ripple Rejection Ratio
RR 1
Rg=0, f R =1kHz,
V R =30mVr ms
25
35
dB
Input Resistance
R IN
25
33
43
k
Ω
Output Pin Vo ltage
Vo (D C )
0.62
0.7
0.77
V
( Ⅱ ) BTL Configuration (Test Circuit 2: R L =8
Ω)
Po 3
THD=10%(D, M-Ty pe)
75
90
mW
Max. Output Power
Po 4
THD=10%,
V
+ =1.0V(D, M-Type)
20
mW
To tal Harmonic Distortion
THD 2
Po=10mW(283mVr ms /8
Ω)
1.5
4.5
%
Output Noise Vo ltage
V NO2
Rg=0, A curve
85
250
µV
Ripple Rejection Ratio
RR 2
Rg=0, f R =1kHz,
V R =30mVr ms
20
25
dB
Vo ltage Diff erence
Between Tw o Output Pins
∆Vo(DC)
50
mV
NJM2076



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com