Electronic Components Datasheet Search
  English  ▼

X  

PI5V330 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # PI5V330
Description  Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PI5V330 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  PI5V330 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PI5V330 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
Quad SPDT Wide-Bandwidth Video Switch with Low
On-state Resistance PI5V330
D E S C R I P T I O N
The PI5V330 video switch is a 4-bit 1-of-2 multiplexer/de-multiplexer with a single switch-enable (EN)
input. When EN is low, the switch is enabled and the D port is connected to the S port. When EN is high,
the switch is disabled and the high-impedance state exists between the D and S ports. The select (IN) input
controls the data path of the multiplexer/de-multiplexer.
The PI5V330 offers a high-performance, low-cost solution to switch between video sources. Low
ON-resistance and wide bandwidth make it ideal for video and other applications. Also this device has
exceptionally high current capability which is far greater than most analog switches offered today. A single
5V supply is all that is required for operation.
FEATURES
High-performance, low-cost solution to switch between video sources
Wide bandwidth: 200 MHz
Low ON-resistance: 3Ω 
Low crosstalk at 10 MHz: . -58 dB
Ultra-low quiescent power (0.1 µA typical)
Single supply operation: +5.0V
Fast switching: 10 ns
High-current output: 100 mA
Packages available: SOP16,SSOP16,TSSOP16,DFN16
TIGER ELECTRONIC CO.,LTD


Similar Part No. - PI5V330

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQ PERICOM-PI5V330AQ Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQE PERICOM-PI5V330AQE Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AS PERICOM-PI5V330AS Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V330

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Texas Instruments
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
09-Sep-2005
logo
Texas Instruments
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com