Electronic Components Datasheet Search
  English  ▼

X  

S9013 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # S9013
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

S9013 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  S9013 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd S9013 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd S9013 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S9013
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The S9013 is designed for use in 1W output amplifier of portable radios
in class B push-pull operation.
Features
• High Total Power Dissipation. (PT:625mW)
• High Collector Current. (IC:500mA)
• Complementary to S9012
• Excellent linearity.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................... -55~+150
°C
Junction Temperature.................................................................................................. +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage....................................................................................................... 40V
VCEO Collector to Emitter Voltage.................................................................................................... 20V
VEBO Emitter to Base Voltage............................................................................................................ 5V
IC Collector Current .................................................................................................................... 500 mA
Icp Base Current ......................................................................................................................... 100 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA, IE=0
BVCEO
20
-
-
V
IC=1mA, IB=0
BVEBO
5.0
-
-
V
IE=100uA, IC=0
ICBO
-
-
100
nA
VCE=25V, IE=0
IEBO
-
-
100
nA
VEB=3V, IC=0
VCE(sat)
-
-
0.6
V
IC=500mA, IB=50mA
VBE(sat)
-
-
1.2
V
IC=500mA, IB=50mA
VBE(on)
-
-
0.9
V
VCE=1V, IC=10mA
hFE1
112
180
300
VCE=1V, IC=50mA
hFE2
40
-
-
VCE=1V, IC=500mA
Cob
-
-
8
pF
VCB=10V, f=1MHz
fT
100
-
-
MHz
VCE=1V, IC=10mA, f=100MHz
Classification on hFE1
Rank
G
H
I1
I2
Range
112-166
144-202
176-246
214-300
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - S9013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Galaxy Semi-Conductor H...
S9013 BILIN-S9013 Datasheet
230Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9013 DAYA-S9013 Datasheet
124Kb / 2P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - S9013

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com