Electronic Components Datasheet Search
  English  ▼

X  

S9015 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # S9015
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

S9015 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  S9015 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd S9015 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd S9015 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S9015
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The S9015 is designed for use in pre-amplifier of low level and low
noise.
Features
• High Total Power Dissipation. (PD:450mW)
• Complementary to S9014
• High hFE and Good Linearity.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................... -55~+150
°C
Junction Temperature ..................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 450 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ......................................................................................... 50 V
VCEO Collector to Emitter Voltage ...................................................................................... 45 V
VEBO Emitter to Base Voltage .............................................................................................. 5 V
IC Collector Current ........................................................................................................ 100 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
50
-
-
V
IC=100uA, IE=0
BVCEO
45
-
-
V
IC=1mA, IB=0
BVEBO
5.0
-
-
V
IE=100uA, IC=0
ICBO
-
-
50
nA
VCB=50V, IE=0
IEBO
-
-
50
nA
VEB=5V, IC=0
VCE(sat)
-
0.20
0.7
V
IC=100mA, IB=5mA
VBE(sat)
-
0.82
1.0
V
IC=100mA, IB=5mA
VBE(on)
0.6
0.65
0.75
V
VCE=5V, IC=2mA
hFE
100
200
600
VCE=5V, IC=1mA
Cob
-
4.5
7.0
pF
VCB=10V, f=1MHz, IE=0
fT
100
190
-
MHz
VCE=5V, IC=10mA
Classification on hFE1
Rank
B
C
Range
100-300
200-600
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - S9015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S9015 SAMSUNG-S9015 Datasheet
229Kb / 6P
PNP (LOW FREQUENCY, LOW NOISE AMPLIFIER)
logo
Fairchild Semiconductor
S9015 FAIRCHILD-S9015 Datasheet
65Kb / 4P
Low Frequency, Low Noise Amplifier
logo
AUK corp
S9015 AUK-S9015 Datasheet
97Kb / 3P
PNP Silicon Transistor
logo
Weitron Technology
S9015 WEITRON-S9015 Datasheet
877Kb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9015 BILIN-S9015 Datasheet
187Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S9015

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com