Electronic Components Datasheet Search
  English  ▼

X  

7808 Datasheet(PDF) 11 Page - Motorola, Inc

Part # 7808
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

7808 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button 7808 Datasheet HTML 7Page - Motorola, Inc 7808 Datasheet HTML 8Page - Motorola, Inc 7808 Datasheet HTML 9Page - Motorola, Inc 7808 Datasheet HTML 10Page - Motorola, Inc 7808 Datasheet HTML 11Page - Motorola, Inc 7808 Datasheet HTML 12Page - Motorola, Inc 7808 Datasheet HTML 13Page - Motorola, Inc 7808 Datasheet HTML 14Page - Motorola, Inc 7808 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
11
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7818AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
17.64
18
18.36
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
17.3
18
18.7
Vdc
21 Vdc
≤ Vin ≤ 33 Vdc
Line Regulation (Note 2)
Regline
mV
21 Vdc
≤ Vin ≤ 33 Vdc, IO = 500 mA
–
9.5
22
24 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A
–
3.2
25
24 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
–
3.2
10.5
20.6 Vdc
≤ Vin ≤ 33 Vdc, IO = 1.0 A, TJ = 25°C
–
8.0
22
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
–
2.0
25
5.0 mA
≤ IO ≤ 1.0 A
–
1.8
25
250 mA
≤ IO ≤ 750 mA
–
1.5
15
Quiescent Current
IB
–
3.5
6.0
mA
Quiescent Current Change
∆IB
mA
21 Vdc
≤ Vin ≤ 33 Vdc, IO = 500 mA
–
–
0.8
21.5 Vdc
≤ Vin ≤ 30 Vdc, TJ = 25°C
–
–
0.8
5.0 mA
≤ IO ≤ 1.0 A
–
–
0.5
Ripple Rejection
RR
53
57
–
dB
22 Vdc
≤ Vin ≤ 32 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
–
2.0
–
Vdc
Output Noise Voltage (TA = 25°C)
Vn
–
10
–
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
–
1.3
–
m
Ω
Short Circuit Current Limit (TA = 25°C)
ISC
–
0.2
–
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
–
2.2
–
A
Average Temperature Coefficient of Output Voltage
TCVO
–
–1.5
–
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7824C
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
23
24
25
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
22.8
24
25.2
Vdc
27 Vdc
≤ Vin ≤ 38 Vdc
Line Regulation, (Note 2)
Regline
mV
27 Vdc
≤ Vin ≤ 38 Vdc
–
2.7
60
30 Vdc
≤ Vin ≤ 36 Vdc
–
2.7
48
Load Regulation, (Note 2)
Regload
–
4.4
65
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
–
3.6
6.5
mA
Quiescent Current Change
∆IB
mA
27 Vdc
≤ Vin ≤ 38 Vdc
–
–
1.0
5.0 mA
≤ IO ≤ 1.0 A
–
–
0.5
NOTES: 1. Tlow = –40°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com