Electronic Components Datasheet Search
  English  ▼

X  

BSP372 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSP372
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP372 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSP372 Datasheet HTML 1Page - Siemens Semiconductor Group BSP372 Datasheet HTML 2Page - Siemens Semiconductor Group BSP372 Datasheet HTML 3Page - Siemens Semiconductor Group BSP372 Datasheet HTML 4Page - Siemens Semiconductor Group BSP372 Datasheet HTML 5Page - Siemens Semiconductor Group BSP372 Datasheet HTML 6Page - Siemens Semiconductor Group BSP372 Datasheet HTML 7Page - Siemens Semiconductor Group BSP372 Datasheet HTML 8Page - Siemens Semiconductor Group BSP372 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
Sep-12-1996
BSP 372
SIPMOS ® Small-Signal Transistor
• N channel
• Enhancement mode
• Logic Level
• Avalanche rated
•
VGS(th) = 0.8 ...2.0 V
Pin 1
Pin 2
Pin 3
Pin 4
G
D
S
D
Type
VDS
ID
RDS(on)
Package
Marking
BSP 372
100 V
1.7 A
0.31
Ω
SOT-223
BSP 372
Type
Ordering Code
Tape and Reel Information
BSP 372
Q 67000-S300
E6327
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TA = 28 °C
ID
1.7
A
DC drain current, pulsed
TA = 25 °C
IDpuls
6.8
Avalanche energy, single pulse
ID = 1.7 A, VDD = 25 V, RGS = 25 Ω
L = 23.3 mH, Tj = 25 °C
EAS
45
mJ
Gate source voltage
VGS
± 14
V
Gate-source peak voltage,aperiodic
Vgs
± 20
Power dissipation
TA = 25 °C
Ptot
1.8
W


Similar Part No. - BSP372

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP372 INFINEON-BSP372 Datasheet
277Kb / 8P
SIPMOS Small-Signal Transistor
05.99
BSP372 INFINEON-BSP372 Datasheet
350Kb / 9P
SIPMOS Small-Signal Transistor
Rev 2.0 2008-03-31
BSP372N INFINEON-BSP372N Datasheet
570Kb / 9P
OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-03
logo
TECH PUBLIC Electronics...
BSP372N TECHPUBLIC-BSP372N Datasheet
1Mb / 4P
N-Channel Enhancement Mode Power MOSFET
logo
Infineon Technologies A...
BSP372 INFINEON-BSP372_08 Datasheet
350Kb / 9P
SIPMOS Small-Signal Transistor
Rev 2.0 2008-03-31
More results

Similar Description - BSP372

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP17 SIEMENS-BSP17 Datasheet
140Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
BSP298 SIEMENS-BSP298 Datasheet
170Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP299 SIEMENS-BSP299 Datasheet
169Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP300 SIEMENS-BSP300 Datasheet
98Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP318S SIEMENS-BSP318S Datasheet
129Kb / 8P
SIPMOS Small-Signal Transistor(N channel Enhancement mode Logic Level Avalanche rated)
BSP319 SIEMENS-BSP319 Datasheet
165Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated)
BSP320S SIEMENS-BSP320S Datasheet
130Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP373 SIEMENS-BSP373 Datasheet
168Kb / 9P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com