Electronic Components Datasheet Search
  English  ▼

X  

60CPU06-F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 60CPU06-F
Description  Ultrafast Rectifier, FRED Pt®, 2 x 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CPU06-F Datasheet(HTML) 1 Page - Vishay Siliconix

  60CPU06-F Datasheet HTML 1Page - Vishay Siliconix 60CPU06-F Datasheet HTML 2Page - Vishay Siliconix 60CPU06-F Datasheet HTML 3Page - Vishay Siliconix 60CPU06-F Datasheet HTML 4Page - Vishay Siliconix 60CPU06-F Datasheet HTML 5Page - Vishay Siliconix 60CPU06-F Datasheet HTML 6Page - Vishay Siliconix 60CPU06-F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-60CPU06-F, VS-60CPU06-N3
www.vishay.com
Vishay Semiconductors
Revision: 26-Jan-12
1
Document Number: 94658
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Rectifier,
FRED Pt®, 2 x 30 A
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Compliant to RoHS Directive 2002/95/EC
• Designed
and
qualified
according
to
JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21
definition (-N3 only)
DESCRIPTION
VS-60CPU06... series are the state of the art ultrafast
recovery rectifiers designed with optimized performance of
forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, welding, UPS, DC/DC converters as well as
freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-247AC
IF(AV)
2 x 30 A
VR
600 V
VF at IF
1.65 V
trr typ.
27 ns
TJ max.
175 °C
Diode variation
Common cathode
Anode 2
13
2
Base
common
cathode
2
Common
cathode
Anode 1
TO-247AC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Repetitive peak reverse voltage
VRRM
600
V
Average rectified forward current
per leg
IF(AV)
30
A
per device
Rated VR, TC = 137 °C
60
Non-repetitive peak surge current per leg
IFSM
TJ = 25 °C
300
Peak repetitive forward current per leg
IFM
Rated VR, square wave, 20 kHz, TC = 137 °C
60
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 30 A
-
1.31
1.65
IF = 30 A, TJ = 150 °C
-1.1
1.4
Reverse leakage current
IR
VR = VR rated
-0.02
50
µA
TJ = 150 °C, VR = VR rated
-
30
250
Junction capacitance
CT
VR = 200 V
-22-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
3.5
-
nH


Similar Part No. - 60CPU06-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPU06-F VISHAY-60CPU06-F Datasheet
147Kb / 8P
Ultrafast Rectifier, FRED Pt, 2 x 30 A
21-Jan-09
More results

Similar Description - 60CPU06-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
26-Jan-12
VS-60CPU02-F VISHAY-VS-60CPU02-F Datasheet
168Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
26-Jan-12
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
18-Oct-16
VS-60CPU03W-N3 VISHAY-VS-60CPU03W-N3 Datasheet
143Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
10-Jul-15
VS-CPU6006L-M3 VISHAY-VS-CPU6006L-M3 Datasheet
249Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
18-Sep-14
VS-CPU6006-N3 VISHAY-VS-CPU6006-N3 Datasheet
163Kb / 8P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
17-Jul-13
VS-CPU6006-N3 VISHAY-VS-CPU6006-N3_V01 Datasheet
165Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
09-Oct-2019
VS-60CPU02-N3 VISHAY-VS-60CPU02-N3 Datasheet
167Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
09-Oct-2018
VS-60CPU03W-N3 VISHAY-VS-60CPU03W-N3_V01 Datasheet
149Kb / 7P
Ultrafast Rectifier, FRED Pt®, 2 x 30 A
11-Jan-2019
VS-60CPU04-N3 VISHAY-VS-60CPU04-N3_V01 Datasheet
162Kb / 7P
Ultrafast Rectifier, 2 x 30 A FRED Pt®
09-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com