Electronic Components Datasheet Search
  English  ▼

X  

BSP452 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP452
Description  MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP452 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP452 Datasheet HTML 1Page - Siemens Semiconductor Group BSP452 Datasheet HTML 2Page - Siemens Semiconductor Group BSP452 Datasheet HTML 3Page - Siemens Semiconductor Group BSP452 Datasheet HTML 4Page - Siemens Semiconductor Group BSP452 Datasheet HTML 5Page - Siemens Semiconductor Group BSP452 Datasheet HTML 6Page - Siemens Semiconductor Group BSP452 Datasheet HTML 7Page - Siemens Semiconductor Group BSP452 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Mini PROFET® BSP 452
Semiconductor Group
2
Pin
Symbol
Function
1
OUT
O
Output to the load
2
GND
-
Logic ground
3
IN
I
Input, activates the power switch in case of logical high signal
4
Vbb
+
Positive power supply voltage
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage
Vbb
40
V
Load current
self-limited
IL
IL(SC)
A
Maximum input voltage2)
VIN
-5.0...
Vbb
V
Maximum input current
I
IN
±5
mA
Inductive load switch-off energy dissipation,
single pulse
IL = 0.5A , TA = 150°C
(not tested, specified by design)
EAS
0.5
J
Load dump protection3)
VLoadDump=UA+Vs
RL= 24
Ω
RI=2
Ω , td=400ms, IN= low or high, UA=12V RL= 80Ω
(not tested, specified by design)
VLoad dump4)
47
67
V
Electrostatic discharge capability (ESD)5)
PIN 3
PIN 1,2,4
VESD
±1
±2
kV
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Max. power dissipation (DC)6)
TA = 25 °C
Ptot
1.8
W
Thermal resistance
chip - soldering point:
chip - ambient:6)
RthJS
RthJA
7
70
K/W
2) At V
IN > Vbb, the input current is not allowed to exceed ±5 mA.
3) Supply voltages higher than Vbb(AZ) require an external current limit for the GND pin, e.g. with a 150 Ω resistor in the GND connection
A resistor for the protection of the input is integrated.
4) VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5) HBM according to MIL-STD 883D, Methode 3015.7
6) BSP 452 on epoxy pcb 40 mm x 40 mm x 1.5 mm with 6 cm2 copper area for V
bb connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com