Electronic Components Datasheet Search
  English  ▼

X  

TDA2050 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TDA2050
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2050 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TDA2050 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
32W Hi-Fi AUDIO POWER AMPLIFIER
TDA2050
DESCRIPTION
Outline Drawing
The
TDA2050 is a monolithic integrated
circuit in Pentawatt package, intended for use as
an audio class AB audio amplifier. Thanks to its
high power capability the
TDA2050 is able to
provide up to35W true rms power into 4 ohm
load @ THD =10%, VS =
±18V, f = 1KHz and
up to 32W into 8ohm load @THD = 10%, VS =
±22V, f = 1KHz. Moreover, the
TDA2050 delivers
typically 50W music power into 4 ohm load over
1 sec at VS=22.5V, f = 1KHz. The high power
and very low harmonic and crossover distortion (THD = 0.05% typ, @ VS = ±22V, PO = 0.1
to 15W, RL=8ohm, f = 100Hz to 15KHz) make the device most suitable for both HiFi and
high class TV sets.
FEATURE
High output power(50W music power IEC 268.3 RULES)
High operating supply voltage (50V)
Single or split supply operations
Very low distortion
Short circuit protection (out to GND)
Thermal shutdown
PIN CONNECTION
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TDA2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
logo
Unisonic Technologies
TDA2050-TB5-T UTC-TDA2050-TB5-T Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results

Similar Description - TDA2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
40W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1991
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com