Electronic Components Datasheet Search
  English  ▼

X  

BSP550 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP550
Description  MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP550 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP550 Datasheet HTML 1Page - Siemens Semiconductor Group BSP550 Datasheet HTML 2Page - Siemens Semiconductor Group BSP550 Datasheet HTML 3Page - Siemens Semiconductor Group BSP550 Datasheet HTML 4Page - Siemens Semiconductor Group BSP550 Datasheet HTML 5Page - Siemens Semiconductor Group BSP550 Datasheet HTML 6Page - Siemens Semiconductor Group BSP550 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BSP 550
Semiconductor Group
2
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 24V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 4 to 1)
IL = 1.0 A, Vin = high
Tj = 25°C
Tj = 125°C
RON
--
--
0.16
--
0.2
0.38
Ω
Nominal load current (pin 4 to 1)5)
ISO Standard:
V
ON = Vbb - VOUT = 0.5 V
TS = 85 °C
IL(ISO)
1.7
--
--
A
Turn-on time
to 90%
VOUT
Turn-off time
to 10%
VOUT
RL = 24 Ω
ton
toff
--
--
60
90
100
150
µs
Slew rate on
10 to 30%
VOUT, RL = 24 Ω
d
V /dton
--
2
4
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 24 Ω
-d
V/dtoff
--
2
4
V/
µs
Input
Allowable input voltage range, (pin 3 to 2)
VIN
-3.0
--
Vbb
V
Input turn-on threshold voltage
Vbb = 18...30V
Tj = -25...+125°C
VIN(T+)
--
--
3.0
V
Input turn-off threshold voltage
Vbb = 18...30V
Tj = -25...+125°C
VIN(T-)
1.82
--
--
V
Input threshold hysteresis
∆V
IN(T)
--
0.1
--
V
Off state input current (pin 3)
VIN(off) = 1.82 V
Tj = -25...+125°C
IIN(off)
20
--
--
µA
On state input current (pin 3)
VIN(on) = 3.0 V to Vbb
Tj = -25...+125°C
IIN(on)
--
--
110
µA
Input resistance
Tj = -25...+125°C
RIN
1.5
2.8
3.5
k
Ω
5
) I
L(ISO) characterizes the MOSFET part of the device and may be higher than the shortcircuit IL(SC) current of the whole device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com