Electronic Components Datasheet Search
  English  ▼

X  

ES1A Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # ES1A
Description  1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS / REVERSE VOLTAGE 50 TO 600 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ES1A Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  ES1A_09 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ES1A_09 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
bufanGIANTION ELECTRONIC
FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC
FIG. 2 -- TYPICAL JUNCTION CAPACITANCE
10
100
3.0
30
Pulse width=300us
1% duly cycle
0.1
3.0
Tj = 25 ℃
1.0
0.4
10
0.04
Pulse Width = 300μS
1 % Duly Cycle
0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
10
100
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
REVERSE VOLTAGE / VOLTS
1.6
1.8
1.0
4.0
FIG. 3 -- FORWARD CURRENT DERATING CURVE
1.5
Single Phase Half Wave 60HZ
Resistive or Inductive Load
1.0
0.5
175
Tj = 125 ℃
15
8.3 ms Single
Half Sing -Wave
10
5
0
0
25
50
75
100
125
150
200
0
1.0
2.0
FIG. 4 -- PEAK FORWARD SURGE CURRENT
30
25
20
10
20
100
AMBIENT TEMPERATURE / ℃
NUMBER OF CYCLES AT 60HZ
FIG. 5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50Ω
10Ω
trr
N.1.
N.1.
N.1.
0.5A
( - )
( + )
D.U.T
NOTES:
PULSE GENERATOR
0
50 Vdc
(APPROX)
( NOTE 2 )
0.25A
1Ω
( - )
bufanGIANTION ELECTRONICS
ES1A THRU ES1J
1.0A
1. RISE TIME = 7n SEC MAX. INPUT IMPEDANCE = 1 MEGOHM. 22PF
2. RISE TIME = 10n SEC MAX. SOURCE IMPEDANCE = 50 OHM.
SET TIME BASE FOR 15 ns / cm
OSCILLOSCOPE
( NOTE )
( + )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com