Electronic Components Datasheet Search
  English  ▼

X  

CD4199B Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CD4199B
Description  100 Amperes / Up to 1600 Volts Dual & Single Diode Isolated Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4199B Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CD4199B Datasheet HTML 1Page - Powerex Power Semiconductors CD4199B Datasheet HTML 2Page - Powerex Power Semiconductors CD4199B Datasheet HTML 3Page - Powerex Power Semiconductors CD4199B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, PA 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual & Single Diode Isolated Module
100 Amperes / Up to 1600 Volts
Revision Date: 04/18/2011
CD41__99B, CN41__99B
CS41__99B
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
up to 1600
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
DC Conduction, TC=90°C
IF(RMS)
157
A
Average Forward Current
180° Conduction, TC=100°C
IF(AV)
100
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ = 150°C
60 Hz, No VRRM reapplied, TJ = 150°C
50 Hz, 100% VRRM reapplied, TJ = 150°C
50 Hz, No VRRM reapplied, TJ = 150°C
IFSM
IFSM
IFSM
IFSM
1,780
2,110
1,700
2,020
A
A
A
A
I
2t for Fusing for One Cycle
8.3 ms, 100% VRRM reapplied, TJ = 150°C
8.3 ms, No VRRM reapplied, TJ = 150°C
10 ms, 100% VRRM reapplied, TJ = 150°C
10 ms, No VRRM reapplied, TJ = 150°C
I
2t
I
2t
I
2t
I
2t
13,190
18,650
14,450
20,430
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw on
Terminals
25
3
in.
– Lb.
Nm
Max. Mounting Torque, Module to Heatsink
44
5
in.
– Lb.
Nm
Module Weight, Typical
95
g
3.35
Oz
V Isolation @ 25C
Circuit To Base, All Terminals Shorted Together
50-60 Hz, 1 second
Vrms
3500
V
Information is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability for use, reliability, capability,
or future availability of this product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com