Electronic Components Datasheet Search
  English  ▼

X  

CD6116B Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CD6116B
Description  160 Amperes / Up to 2200 Volts Dual & Single Diode Isolated Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD6116B Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CD6116B Datasheet HTML 1Page - Powerex Power Semiconductors CD6116B Datasheet HTML 2Page - Powerex Power Semiconductors CD6116B Datasheet HTML 3Page - Powerex Power Semiconductors CD6116B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual & Single Diode Isolated Module
160 Amperes / Up to 2200 Volts
Revision Date: 04/28/2009
CD61__16B, CS61__16B
CN61__16B, CC61__16B
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
up to 2200
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
180° Conduction, TC=109°C
IF(RMS)
250
A
Average Forward Current
180° Conduction, TC=109°C
IF(AV)
160
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ=150C
60 Hz, 100% No VRRM reapplied, TJ=150C
50 Hz, 100% VRRM reapplied, TJ=150C
50 Hz, 100% No VRRM reapplied, TJ=150C
IFSM
IFSM
IFSM
IFSM
3,500
4,200
3,350
4,000
A
A
A
A
I
2t for Fusing for One Cycle
8.3ms, 100% VRRM reapplied, TJ=150C
8.3ms, 100% No VRRM reapplied, TJ=150C
10ms, 100% VRRM reapplied, TJ=150C
10ms, 100% No VRRM reapplied, TJ=150C
I
2t
I
2t
I
2t
I
2t
52,000
73,000
56,000
80,000
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
35 - 50
4 – 6
in.-Lb.
Nm
Max. Mounting Torque, M8 Terminal Screw
35 - 50
4 – 6
in.-Lb.
Nm
Module Weight, Typical
165
g
0.36
lb.
V Isolation @ 25C, Vrms for 1 sec
Vrms
3000
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com