Electronic Components Datasheet Search
  English  ▼

X  

VT1080S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT1080S
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT1080S Datasheet(HTML) 2 Page - Vishay Siliconix

  VT1080S Datasheet HTML 1Page - Vishay Siliconix VT1080S Datasheet HTML 2Page - Vishay Siliconix VT1080S Datasheet HTML 3Page - Vishay Siliconix VT1080S Datasheet HTML 4Page - Vishay Siliconix VT1080S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89165
2
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Revision: 08-Sep-09
VT1080S, VFT1080S, VBT1080S, VIT1080S
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 10 mA
TA = 25 °C
VBR
80 (minimum)
-
V
Instantaneous forward voltage
IF = 5 A
TA = 25 °C
VF (1)
0.57
-
V
IF = 10 A
0.67
0.81
IF = 5 A
TA = 125 °C
0.52
-
IF = 10 A
0.60
0.70
Reverse current
VR = 80 V
TA = 25 °C
IR (2)
20
600
µA
TA = 125 °C
10
20
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT1080S
VFT1080S
VBT1080S
VIT1080S
UNIT
Typical thermal resistance
RθJC
2.2
5.5
2.2
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT1080S-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VFT1080S-E3/4W
1.73
4W
50/tube
Tube
TO-263AB
VBT1080S-E3/4W
1.36
4W
50/tube
Tube
TO-263AB
VBT1080S-E3/8W
1.36
8W
800/reel
Tape and reel
TO-262AA
VIT1080S-E3/4W
1.43
4W
50/tube
Tube
Case Temperature (°C)
12
8
0
0
75
175
25
100
150
2
50
125
4
10
6
Resistive or Inductive Load
V(B,I)T1080S
VFT1080S
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
Average Forward Current (A)
8
7
0
06
12
2
8
1
410
4
2
5
D = t
p/T
t
p
T
6
3
D = 0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com