Electronic Components Datasheet Search
  English  ▼

X  

VT2060G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT2060G
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT2060G Datasheet(HTML) 1 Page - Vishay Siliconix

  VT2060G Datasheet HTML 1Page - Vishay Siliconix VT2060G Datasheet HTML 2Page - Vishay Siliconix VT2060G Datasheet HTML 3Page - Vishay Siliconix VT2060G Datasheet HTML 4Page - Vishay Siliconix VT2060G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VT2060G, VFT2060G, VBT2060G & VIT2060G
Vishay General Semiconductor
Document Number: 89133
Revision: 08-Sep-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
New Product
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.50 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF
maximum peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB and
TO-262AA package)
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
60 V
IFSM
100 A
VF at IF = 10 A
0.63 V
TJ max.
150 °C
TO-220AB
1
2
3
1
K
2
3
TO-263AB
1
2
K
TO-262AA
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
K
HEATSINK
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
TMBS
®
ITO-220AB
1
2
3
VT2060G
VFT2060G
VIT2060G
VBT2060G
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT2060G
VFT2060G
VBT2060G
VIT2060G
UNIT
Maximum repetitive peak reverse voltage
VRRM
60
V
Maximum average forward rectified current
(fig. 1)
per device
per diode
IF(AV)
20
10
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Non-repetitive avalanche energy
at TJ = 25 °C, L = 60 mH per diode
EAS
65
mJ
Peak repetitive reverse current
at tp = 2 µs, 1 kHz, TJ = 38 °C ± 2 °C per diode
IRRM
1.0
A
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - VT2060G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2060G VISHAY-VT2060G Datasheet
130Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VT2060G VISHAY-VT2060G Datasheet
141Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
09-Nov-17
VT2060G-E3 VISHAY-VT2060G-E3 Datasheet
156Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
15-Dec-16
VT2060G-E3 VISHAY-VT2060G-E3 Datasheet
202Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
16-Mar-18
VT2060G-E3 VISHAY-VT2060G-E3_V01 Datasheet
202Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
16-Mar-18
More results

Similar Description - VT2060G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V50100PW VISHAY-V50100PW Datasheet
84Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Feb-10
VF30120C VISHAY-VF30120C_10 Datasheet
78Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
VF40150C VISHAY-VF40150C_10 Datasheet
79Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V30100PW-M3 VISHAY-V30100PW-M3 Datasheet
77Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
09-Feb-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com