Electronic Components Datasheet Search
  English  ▼

X  

H12WD Datasheet(PDF) 1 Page - Crydom Inc.,

Part # H12WD
Description  H12WD Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H12WD Datasheet(HTML) 1 Page - Crydom Inc.,

  H12WD Datasheet HTML 1Page - Crydom Inc., H12WD Datasheet HTML 2Page - Crydom Inc., H12WD Datasheet HTML 3Page - Crydom Inc., H12WD Datasheet HTML 4Page - Crydom Inc., H12WD Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
H12WD Series
• Ratings from 25A to 125A @ 48-660 V AC
• SCR output for heavy industrial loads
• DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
25A
50A
75A
90A
125A (6)
4-32 Vdc
H12WD4825
H12WD4850
H12WD4875
H12WD4890
H12WD48125(6)
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
25A
50A
75A
90A
125A (6)
Operating Voltage (47-63Hz) [Vrms]
48-660
48-660
48-660
48-660
48-660
Transient Overvoltage [Vpk]
1200
1200
1200
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
1.0
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
500
500
500
Maximum Load Current (3) [Arms]
25
50
75
90
125
Minimum Load Current [mArms]
150
150
150
150
150
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
239/250
597/625
954/1000
1145/1200
1670/1750
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.7
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.02
0.63
0.31
0.28
0.22
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A2 sec]
285/259
1779/1621
4555/4150
6560/5976
13950/12709
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
0.5


Similar Part No. - H12WD

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
logo
Sensata Technologies, I...
H12WD SENSATA-H12WD Datasheet
2Mb / 7P
PANEL MOUNT SOLID STATE RELAYS
Rev. 03/28/2025
logo
List of Unclassifed Man...
H12WD48125 ETC1-H12WD48125 Datasheet
80Kb / 3P
25-125Amp 480 Vac AC Output
logo
Crydom Inc.,
H12WD48125 CRYDOM-H12WD48125 Datasheet
756Kb / 5P
Panel Mount
H12WD48125 CRYDOM-H12WD48125 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - H12WD

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Crydom Inc.,
H12WD4890PG CRYDOM-H12WD4890PG Datasheet
959Kb / 7P
H12WD Series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com