Electronic Components Datasheet Search
  English  ▼

X  

BD6971FS Datasheet(PDF) 2 Page - Rohm

Part # BD6971FS
Description  Silicon Monolithic Integrated Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6971FS Datasheet(HTML) 2 Page - Rohm

  BD6971FS Datasheet HTML 1Page - Rohm BD6971FS Datasheet HTML 2Page - Rohm BD6971FS Datasheet HTML 3Page - Rohm BD6971FS Datasheet HTML 4Page - Rohm BD6971FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
〇ELECTRICAL CHARACTERISTICS (Unless otherwise specified Ta=25°C, Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
Icc
3
5
8
mA
Hall input hysteresis +
VHYS+
4
9
16
mV
Hall input hysteresis -
VHYS-
-18
-13
-8
mV
Output voltage
VO
-
0.6
0.9
V
Io=200mA,
Upper and Lower total
Lock detection ON time
TON
0.3
0.5
0.7
s
Lock detection OFF time
TOFF
3.0
5.0
7.0
s
FG output low voltage
VFGL
-
0.15
0.3
V
IFG =2mA
FG output leak current
IFGL
-
-
10
μA
VFG=17V
OSC low voltage
VOSCL
0.8
1.0
1.2
V
OSC high voltage
VOSCH
2.3
2.5
2.7
V
OSC charge current
ICOSC
-16
-8
-4
μA
OSC discharge current
IDOSC
4
8
16
μA
Output ON Duty 1
DUTY1
75
80
85
%
VTH=VREF×0.222
OUT1-OUT2=1k
Ω,
COSC=100pF
Output ON Duty 2
DUTY2
45
50
55
%
VTH=VREF×0.294
OUT1-OUT2=1k
Ω,
COSC=100pF
Output ON Duty 3
DUTY3
15
20
25
%
VTH=VREF×0.367
OUT1-OUT2=1k
Ω,
COSC=100pF
REF voltage
VREF
5.8
6.0
6.2
V
IREF =-2mA
Hall bias voltage
VHB
1.10
1.3
1.5
V
IHB =-2mA
Current limit voltage
VCL
280
310
340
mV
TH bias current
ITH
-
-
0.2
μA
MIN bias current
IMIN
-
-
0.2
μA
CS bias current
ICS
-
-
0.2
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com