Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1371 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXLD1371
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXLD1371 Datasheet HTML 4Page - Diodes Incorporated ZXLD1371 Datasheet HTML 5Page - Diodes Incorporated ZXLD1371 Datasheet HTML 6Page - Diodes Incorporated ZXLD1371 Datasheet HTML 7Page - Diodes Incorporated ZXLD1371 Datasheet HTML 8Page - Diodes Incorporated ZXLD1371 Datasheet HTML 9Page - Diodes Incorporated ZXLD1371 Datasheet HTML 10Page - Diodes Incorporated ZXLD1371 Datasheet HTML 11Page - Diodes Incorporated ZXLD1371 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
8 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Linear/DC Dimming
0
150
300
450
600
750
0
150
300
450
600
750
0
0.25
0.5
0.75
1
1.25
ADJ VOLTAGE (V)
Led Current and Switching Frequency vs.
ADJ Voltage in Buck Mode
Switching
Frequency
T=25°C
V=V =12V
2 LEDs, L=33µH
R =300m
A
AUX
IN
S
Ω
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
ADJ VOLTAGE (V)
LED Current and Switching Frequency vs.
ADJ Voltage in Buck-Boost Mode
Switching
Frequency
T= 25°C
V= V
= 24V
8 LEDs, L = 33µH
GI = 0.23, R = 300m
A
AUX
IN
S
Ω
LED
Current
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
350
0
0.25
0.5
0.75
1
1.25
ADJ VOLTAGE (V)
LED Current and Switching Frequency vs.
ADJ Voltage in Boost Mode
Switching
Frequency
ILED
T=25°C
V=V =12V
12 LEDs, L=33µH
GI=0.23, R =300m
A
AUX
IN
S
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com