Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1371EST16TC Datasheet(PDF) 41 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 41 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 35Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 36Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 37Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 38Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 39Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 40Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 41Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 42Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
41 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Device (Note 19)
Packaging
Status
Part Marking
Reel
Quantity
Tape Width
Reel
Size
ZXLD1371EST16TC
TSSOP-16EP
Preview
ZXLD
1371
YYWW
2500
16mm
13”
ZXLD1371QESTTC
TSSOP-16EP
Preview
ZXLD
1371
YYWW
2500
16mm
13”
Note:
19. For Automotive grade with AEC-Q100 qualification the ZXLD1371QESTTC should be ordered.
Where YY is last two digits of year and WW is two digit week number
Package Outline Dimensions (All Dimensions in mm)
Suggested Pad Layout
TSSOP-16EP
Dim
Min
Max
A
4.9
5.10
B
4.30
4.50
C
⎯
1.2
D
0.8
1.05
F
1.00 Ref.
G
0.65 Ref.
K
0.19
0.30
L
6.40 Ref.
a1
7°
a2
0°
8°
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
X
0.450
X1
3.290
X2
5.000
Y
1.450
Y1
3.290
Y2
4.450
Y3
7.350
A
B L
K
G
C
D
F
a1
a2
Pin 1 Indent
Detail “A”
gauge plane
seating plane
Detail “A”
Y2
Y 16x
Y3
C
Y1
X2
X1
X 16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com