Electronic Components Datasheet Search
  English  ▼

X  

LC5205S Datasheet(PDF) 2 Page - Sanken electric

Part # LC5205S
Description  Hybrid Integrated Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5205S Datasheet(HTML) 2 Page - Sanken electric

  LC5205S Datasheet HTML 1Page - Sanken electric LC5205S Datasheet HTML 2Page - Sanken electric LC5205S Datasheet HTML 3Page - Sanken electric LC5205S Datasheet HTML 4Page - Sanken electric LC5205S Datasheet HTML 5Page - Sanken electric LC5205S Datasheet HTML 6Page - Sanken electric LC5205S Datasheet HTML 7Page - Sanken electric LC5205S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LED Lighting IC
LC5205S
SANKEN ELECTRIC CO.,LTD.
2/8
13 October 2011
1 Scope
The present specifications shall apply to a LED driver IC for LED lighting, LC5205S.
2 Outline
Type
Hybrid Integrated Circuit
Structure
Plastic Molded (Transfer Mold)
Applications
LED Lighting
3 Absolute Maximum Ratings (Ta=25℃)
Parameter
Terminal
Symbol
Ratings
Units
Remarks
Main Power Supply Voltage
6−8
VBB
450
V
Output MOSFET Breakdown Voltage
5−4
Vo
450
V
Output Current
5−4
IO
0.5
※1
A
Exclude tw<1µs
Ref Input Voltage
3−8
VRef
−0.3~V
Reg+0.3
V
Sense Voltage
4−8
VSen
-0.3~4
V
Exclude tw<1µs
Allowable Power Dissipation
―
PD
0.85
※2
W
Mounted on PWB
※3
Junction Temperature
―
Tj
150
℃
Operating Temperature Range
―
Ta
−40~105
℃
Storage Temperature Range
―
Tstg
−40~150
℃
※1 Output current rating may be limited by duty cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the specified junction temperature (Tj).
※2 Allowable Power Dissipation depends on PWB pattern layout.
※3 Mounted on Sanken evaluation board.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com