Electronic Components Datasheet Search
  English  ▼

X  

LC5525F Datasheet(PDF) 3 Page - Sanken electric

Part # LC5525F
Description  Hybrid IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5525F Datasheet(HTML) 3 Page - Sanken electric

  LC5525F Datasheet HTML 1Page - Sanken electric LC5525F Datasheet HTML 2Page - Sanken electric LC5525F Datasheet HTML 3Page - Sanken electric LC5525F Datasheet HTML 4Page - Sanken electric LC5525F Datasheet HTML 5Page - Sanken electric LC5525F Datasheet HTML 6Page - Sanken electric LC5525F Datasheet HTML 7Page - Sanken electric LC5525F Datasheet HTML 8Page - Sanken electric LC5525F Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
SANKEN ELECTRIC CO., LTD.
LC5525F-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator IC
LC5525F
November 26, 2012
ELECTRICAL CHARACTERISTICS of Control Part TA = 25°C, VCC = 20 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Startup Operation
Operation Start Voltage
VCC(ON)
4 – 2
13.8
15.1
17.3
V
Operation Stop Voltage*
VCC(OFF)
4 – 2
8.4
9.4
10.7
V
Operating Current
ICC(ON)
4 – 2
–
–
3.7
mA
Startup Circuit Operation Voltage
VSTARTUP
1 – 2
42
57
72
V
Startup Current
ICC(STARTUP) VCC = 13 V
4 – 2
−5.5
−3.0
−1.0
mA
Startup Current Threshold Biasing
Voltage-1*
VCC(BIAS)1
4 – 2
9.5
11.0
12.5
V
Startup Current Threshold Biasing
Voltage-2
VCC(BIAS)2
4 – 2
14.4
16.6
18.8
V
Normal Operation
PWM Operation Frequency
fOSC
1 – 2
11.0
14.0
18.0
kHz
Maximum On-Time
tON(MAX)
1 – 2
30.0
40.0
50.0
μs
FB Pin Voltage Minimum Limit
VFB(MIN)
6 – 2
0.55
0.90
1.25
V
Maximum Feedback Current
IFB(MAX)
6 – 2
−40
−25
−10
μA
Leading Edge Blanking Time
tON(LEB)
5 – 2
−
500
−
ns
Quasi-Resonant Operation Threshold
Voltage-1
VBD(TH1)
5 – 2
0.14
0.24
0.34
V
Quasi-Resonant Operation Threshold
Voltage-2
VBD(TH2)
5 – 2
0.12
0.17
0.22
V
Protection Operation
OCP Pin Overcurrent Protection
(OCP) Threshold Voltage
VOCP
5 – 2
−0.66
−0.60
−0.54
V
OCP Pin Source Current
IOCP
5 – 2
−120
−40
−10
μA
OCP Pin Overvoltage Protection
(OVP) Threshold Voltage
VBD(OVP)
5 – 2
2.2
2.6
3.0
V
Overload Protection (OLP) Threshold
Voltage-1
VFB(OLP)1
6 – 2
5.0
5.5
6.0
V
Overload Protection (OLP) Threshold
Voltage-2
VFB(OLP)2
6 – 2
4.1
4.5
4.9
V
OVP Pin OVP Threshold Voltage
VOVP(OVP)
7 – 2
1.6
2.0
2.4
V
VCC Pin OVP Threshold Voltage
VCC(OVP)
4 – 2
28.5
31.5
34.0
V
Thermal Shutdown Activating
Temperature
TJ(TSD)
–
135
–
–
°C
*VCC(BIAS)1 > VCC(OFF) always.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com