Electronic Components Datasheet Search
  English  ▼

X  

LC5545LD Datasheet(PDF) 1 Page - Sanken electric

Part # LC5545LD
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5545LD Datasheet(HTML) 1 Page - Sanken electric

  LC5545LD Datasheet HTML 1Page - Sanken electric LC5545LD Datasheet HTML 2Page - Sanken electric LC5545LD Datasheet HTML 3Page - Sanken electric LC5545LD Datasheet HTML 4Page - Sanken electric LC5545LD Datasheet HTML 5Page - Sanken electric LC5545LD Datasheet HTML 6Page - Sanken electric LC5545LD Datasheet HTML 7Page - Sanken electric LC5545LD Datasheet HTML 8Page - Sanken electric LC5545LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LC5540LD Series
Description
LC5540LD series is a quasi-resonant topology switching
power supply IC, designed for input capacitorless applica-
tions, and making it possible for systems to comply with the
harmonics standard (IEC61000-3-2 class C). It incorporates
separate controller and power MOSFET chips. The control-
ler adapts the average current control method for realizing
high power factors, and the quasi-resonant topology contrib-
utes to high efficiency and low EMI noise. The rich set of
protection features helps to realize low component counts,
and high performance-to-cost power supply.
The LC5540LD devices are intended for isolated designs.
The incorporated MOSFET has a VDSS(min) rating from
650 V (LC5545LD and LC5546LD) to 800 V (LC5548LD).
The RDS(on)(max) is 1.9 Ω (LC5546LD) to 3.95 Ω
(LC5545LD). It is capable of a maximum output power
of 20 W on 230 VAC supply to 16 W on universal supply
(LC5546LD) based on the thermal rating. Note that the
maximum output power can be up to 120% to 140% of this
value. However, it may be limited in applications with low
output voltage or short duty cycle.
Features and Benefits
• Integrated on-width control circuit (it realizes high power
factor by average current control)
• Integrated startup circuit (no external startup
circuit necessary)
• Integrated soft-start circuit (reduces power stress during
start-up on the incorporated power MOSFET and rectifier)
• Integrated bias assist circuit (improves the startup
performance, suppresses VCC voltage droop during
operation, allows reduction of VCC capacitor value as well
as use of a ceramic capacitor)
• Integrated Leading Edge Blanking (LEB) circuit
• Integrated maximum on-time limit circuit
• Dual-chip structure, with an avalanche-guaranteed power
MOSFET (allows simplified surge suppressing circuits)
• Protection features:
▫ Overcurrent protection (OCP): pulse-by-pulse
▫ Overvoltage protection (OVP): latched shutdown
▫ Overload protection (OLP): latched shutdown
▫ Thermal shutdown (TSD): latched shutdown
Single-Stage Power Factor Corrected
Off-Line Switching Regulators
Typical Application
Package: 8-pin DIP
Not to scale
C2
C6
C5
D8
+
-
PC1
U2
DZ1
D1
D3
D2
D4
F1
L1
C1
Q1
D5
C4
C3
T1
D6
D7
DZ2
PC2
L2
LED
R1
PC2
D9
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19 R20
(Rocp)
R2
R3
R4
R5
R6
VAC
PC1
R7
C7
C8
C10
C9
C11
C12
C13
C14
C15
C16
C17
5
1
2
3
D/ST
8
S/GND VCC
Control
Part
U1
OVP
OCP
FB
NF
S/GND
LC554xLD
6
4
Applications
• LED lighting fixtures
• LED light bulbs
LC5540LD-DS
SANKEN ELECTRIC CO., LTD.


Similar Part No. - LC5545LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5546AD SANKEN-LC5546AD Datasheet
963Kb / 30P
No Input Electrolytic Capacitor Required, IEC61000-3-2 Class-C Isolated LED Driver IC
Dec. 12, 2022
LC5546LF SANKEN-LC5546LF Datasheet
308Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5546LF SANKEN-LC5546LF Datasheet
313Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5547LF SANKEN-LC5547LF Datasheet
308Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results

Similar Description - LC5545LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com