Electronic Components Datasheet Search
  English  ▼

X  

PIC24F16KA102 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24F16KA102
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24F16KA102 Datasheet HTML 1Page - Microchip Technology PIC24F16KA102 Datasheet HTML 2Page - Microchip Technology PIC24F16KA102 Datasheet HTML 3Page - Microchip Technology PIC24F16KA102 Datasheet HTML 4Page - Microchip Technology PIC24F16KA102 Datasheet HTML 5Page - Microchip Technology PIC24F16KA102 Datasheet HTML 6Page - Microchip Technology PIC24F16KA102 Datasheet HTML 7Page - Microchip Technology PIC24F16KA102 Datasheet HTML 8Page - Microchip Technology PIC24F16KA102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 278 page
background image
PIC24F16KA102 FAMILY
DS39927C-page 4
 2008-2011 Microchip Technology Inc.
Pin Diagrams
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-Pin PDIP, SSOP, SOIC(2)
MCLR
/VPP/RA5
OSCO/CLKO/AN5/C1INA/C2INC/CN29/RA3
PGC2/AN0/VREF+/CN2/RA0
PGD2/AN1/VREF-/CN3/RA1
PGD1/AN2/C1IND/C2INB/U2TX/CN4/RB0
PGC3/SOSCO/T1CK/U2CTS/CN0/RA4
PGD3/SOSCI/U2RTS/U2BCLK/CN1/RB4
OSCI/CLKI/AN4/C1INB/C2IND/CN30/RA2
U1RX/CN6/RB2
PGC1/AN3/C1INC/C2INA/U2RX/CN5/RB1
VDD
VSS
U1TX/INT0/CN23/RB7
U1CTS/SCL1/CN22/RB8
REFO/SS1/T2CK/T3CK/CN11/RB15
AN10/CVREF/RTCC/SDI1/OCFA/C1OUT/INT1/CN12/RB14
AN11/SDO1/CTPLS/CN13/RB13
AN12/HLVDIN/SCK1/CTED2/CN14/RB12
U1RTS/U1BCLK/SDA1/CN21/RB9
OC1/IC1/C2OUT/INT2/CTED1/CN8/RA6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
28-Pin SPDIP, SSOP, SOIC(2)
MCLR/VPP/RA5
VSS
VDD
AN0/VREF+/CN2/RA0
AN1/VREF-/CN3/RA1
PGD1/AN2/C1IND/C2INB/U2TX/CN4/RB0
SOSCO/T1CK/U2CTS/CN0/RA4
SOSCI/U2RTS/U2BCLK/CN1/RB4
OSCO/CLKO/CN29/RA3
OSCI/CLKI/CN30/RA2
AN5/C1INA/C2INC/CN7/RB3
AN4/C1INB/C2IND/U1RX/CN6/RB2
PGC1/AN3/C1INC/C2INA/U2RX/CN5/RB1
PGD3/SDA1(1)/CN27/RB5
VDD
VSS
PGC3/SCL1(1)/CN24/RB6
IC1/CN9/RA7
OC1/C2OUT/INT2/CTED1/CN8/RA6
U1TX/INT0/CN23/RB7
U1RTS/U1BCLK/SDA1/CN21/RB9
U1CTS/SCL1/CN22/RB8
REFO/SS1/T2CK/T3CK/CN11/RB15
AN10/CVREF/RTCC/OCFA/C1OUT/INT1/CN12/RB14
AN11/SDO1/CTPLS/CN13/RB13
AN12/HLVDIN/CTED2/CN14/RB12
PGD2/SDI1/PMD2/CN16/RB10
PGC2/SCK1/CN15/RB11
Note
1:
Alternative multiplexing for SDA1 and SCL1 when the I2CSEL Configuration bit is set.
2:
All device pins have a maximum voltage of 3.6V and are not 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com