Electronic Components Datasheet Search
  English  ▼

X  

DTA044TM Datasheet(PDF) 2 Page - Rohm

Part # DTA044TM
Description  100mA/-50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA044TM Datasheet(HTML) 2 Page - Rohm

  DTA044TM Datasheet HTML 1Page - Rohm DTA044TM Datasheet HTML 2Page - Rohm DTA044TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
DTA044TM / DTA044TEB / DTA044TUB
 
Electrical characteristics
(Ta=25
C)
Symbol
Max.
Unit
BVCBO
-V
BVCEO
-V
BVEBO
-V
ICBO
-500
nA
IEBO
-500
nA
hFE
-0.15
V
VCE(sat)
600
-
fr
-
MHz
Cob
61.1
kΩ
Electrical characteristics curves
Parameter
Min.
Typ.
Test Conditions
Collector-base breakdown voltage
-50
-
IC=50μA
Collector-emitter breakdown voltage
-50
-
IC=1mA
Emitter-base breakdown voltage
-5
-
IE=50μA
Collector cutoff current
-
-
VCB=-50V
Emitter cutoff current
-
-
VEB=-4V
DC current transfer ratio
-
-0.07
IC=-5mA / IB=-0.5mA
Collector-emitter saturation voltage
100
-
VCE=-10V / IC=-5mA
Transition frequency
-
250
VCE=-10V / IE=5mA
f=100MHz
Fig.1 DC Current Gain vs. Collector Current
Fig.2 Collector Saturation Voltage vs. Collector Current
Output capacitance
32.9
47
1
10
100
1000
-0.1
-1
-10
-100
COLLECTOR CURRENT : IC (mA)
VCE=-10.0V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
-0.001
-0.01
-0.1
-1
-0.01
-0.1
-1
-10
COLLECTOR CURRNET : IC (mA)
IC/IB=10
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
2/2
2010.09 - Rev.A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com