Electronic Components Datasheet Search
  English  ▼

X  

SMM Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SMM
Description  Type SMM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMM Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SMM_12 Datasheet HTML 1Page - Bel Fuse Inc. SMM_12 Datasheet HTML 2Page - Bel Fuse Inc. SMM_12 Datasheet HTML 3Page - Bel Fuse Inc. SMM_12 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Physical Specifications
SSQDNOV201
Pb
Type SMM
Square Ceramic Surface Mount Medium Blow Fuse
3812 Size
RoHS 6 Compliant
Pb
SMM Feb 2012C
Environmental Specifications
Mechanical Dimensions
Ordering Information
Mechanical Dimensions
Ordering Information
2.0
±±±±0.2mm
(0.08''
±±±±0.008''
3.8mm
9.8
±±±±0.2mm
(0.39''
±±±±0.008'')
3.1
±±±±0.1mm
(0.12''
±±±±0.004''
)
3.1
±±±±0.1mm
(0.12''
±±±±0.004''
)
3.8mm
(0.15")
5.6m
m(0.2
2")
4.1mm
(0.16")
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Packaging
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belfuse.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-888366  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com