Electronic Components Datasheet Search
  English  ▼

X  

SMM30 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SMM30
Description  Type SMM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMM30 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SMM30 Datasheet HTML 1Page - Bel Fuse Inc. SMM30 Datasheet HTML 2Page - Bel Fuse Inc. SMM30 Datasheet HTML 3Page - Bel Fuse Inc. SMM30 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type SMM
Square Ceramic Surface Mount Medium Blow Fuse
3812 Size
RoHS 6 Compliant
SMM Feb 2012D
Square Ceramic Surface Mount Medium Blow Fuse
Pb
Features
- Medium Blow
- Suface mount high current fuse
SMM Feb 2012D
SMM Series Fuse
Applications
- Suface mount high current fuse
- Current rating from 20A to 30A
- Wide operating temperature range from -55oC to 125oC
- Tape and Reel for auto-insert SMD process
- Compatible with reflow process
- Halogen Free
- Leadfree Pb
Electrical Characteristics (UL / CSA /STD.248-14)
Applications
- Voltage regulator module
- PC server
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- Power supply
- DC-DC Converter
LEAD FREE =
Pb
HALOGEN FREE =
HF
SAFETY
AGENCY
AMPERE RANGE / VOLT
@ I.R.ABILITY
SAFETY
AGENCY
CERTIFICATE
20A - 30A / 250V @100A AC
125V @ 150A AC
E20624
Safety Agent Approvals
20A - 30A
E20624
72V @ 130A DC
65V @ 300A DC
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse.com
Website: www.belfuse.com


Similar Part No. - SMM30

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SMM30 BEL-SMM30 Datasheet
365Kb / 2P
Square Ceramic Surface Mount Medium Blow Fuse
logo
CUI INC
SMM30 CUI-SMM30 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
SMM30-12 CUI-SMM30-12 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
SMM30-12-K-P5 CUI-SMM30-12-K-P5 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
SMM30-15 CUI-SMM30-15 Datasheet
839Kb / 5P
AC-DC POWER SUPPLY
03/10/2022
More results

Similar Description - SMM30

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
logo
Tyco Electronics
2-111626-0 MACOM-2-111626-0 Datasheet
192Kb / 1P
RECEPTACLE ASSY, Smm CL, AMP-LATCH
logo
AVX Corporation
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com