Electronic Components Datasheet Search
  English  ▼

X  

SSQC3 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SSQC3
Description  Replaceable SSQ/SST with Integral Clips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQC3 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SSQC3 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pb
SSQCDMAR2011
11
Packaging
500 fuses in 7 inches dia. Reel ,16 mm wide tape, 8mm pitch, per EIA
Standard 481-D.
Use of SSQ fuses rated higher than 8A,
I.E. 10A,12A,15A may be suitable in
clips with proper evaluation.
(Consult with Bel engineering)
(Consult Bel sales for other reel quantities)


Similar Part No. - SSQC3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQC3 BEL-SSQC3 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
SSQC3 BEL-SSQC3 Datasheet
372Kb / 1P
2410 size SMD fuses, pre-assembled in SMD clips
SSQC3.5 BEL-SSQC3.5 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
SSQC3.5 BEL-SSQC3.5 Datasheet
372Kb / 1P
2410 size SMD fuses, pre-assembled in SMD clips
SSQC375 BEL-SSQC375 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
More results

Similar Description - SSQC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
Digital Temperature Sensor with SST Interface
7/06-Revision 0
logo
Bel Fuse Inc.
SSQC250 BEL-SSQC250 Datasheet
101Kb / 2P
Replaceable SSQ/SST with Integral Clips
logo
SMSC Corporation
EMC1103 SMSC-EMC1103 Datasheet
213Kb / 3P
SST Compliant Hardware Monitor with Three Temperature Channels
logo
Feature Integration Tec...
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
짹1oC Temperature Sensor with I2C-SST Bridge
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
SST-90 ETC2-SST-90 Datasheet
3Mb / 23P
SST-90 LEDs
logo
Cooper Bussmann, Inc.
5592-11 COOPER-5592-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com