Electronic Components Datasheet Search
  English  ▼

X  

DTC024EUB Datasheet(PDF) 2 Page - Rohm

Part # DTC024EUB
Description  100mA/50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC024EUB Datasheet(HTML) 2 Page - Rohm

  DTC024EUB Datasheet HTML 1Page - Rohm DTC024EUB Datasheet HTML 2Page - Rohm DTC024EUB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC024EM / DTC024EEB / DTC024EUB
 
Electrical characteristics (Ta=25
C)
Symbol
Max.
Unit
VI(off)
0.5
V
VI(on)
-V
VO(on)
0.15
V
II
0.36
mA
IO(off)
500
nA
GI
--
fT
-
MHz
R1
28.6
k
R2/R1
1.2
-
* Characteristics of built-in transistor
Electrical characteristics curves
(ON characteristics)
(OFF characteristics)
Resistance ratio
0.8
1.0
Input resistance
15.4
22
Transition frequency *
-
250
VCE=10V /IE=-5mA
f=100MHz
DC current gain
60
-
VO=10V / IO=5mA
Output current
-
-
VCC=50V / VI=0V
Input current
-
-
VI=5V
Output voltage
-
0.05
IO=5mA / II=0.5mA
Input voltage
--
VCC=5V / IO=100uA
3.0
-
VO=0.3V / IO=5mA
Parameter
Min.
Typ.
Test Conditions
Fig.1 Input Voltage vs. Output Current
fig.2 Input Voltage vs. Output Current
Fig.3 DC Current Gain vs. Output Current
Fig.4 Output Voltage vs. Output Current
0.1
1
10
100
0.1
1
10
100
OUTPUT CURRENT : IO (mA)
VO=0.3V
Ta=-40ºC
Ta=25ºC
Ta=75ºC
Ta=125ºC
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
INPUT VOLTAGE : VI(off) (V)
VCC=5V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
1
10
100
1000
0.1
1
10
100
OUTPUT CURRENT : IO (mA)
VO=10V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
0.001
0.01
0.1
1
0.1
1
10
100
OUTPUT CURRNET : IO (mA)
IO/II=10
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
2/2
2011.08 - Rev.A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com