Electronic Components Datasheet Search
  English  ▼

X  

DTC024EEB Datasheet(PDF) 1 Page - Rohm

Part # DTC024EEB
Description  100mA/50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC024EEB Datasheet(HTML) 1 Page - Rohm

  DTC024EEB Datasheet HTML 1Page - Rohm DTC024EEB Datasheet HTML 2Page - Rohm DTC024EEB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.rohm.com
©20
11 ROHM Co., Ltd. All rights reserved.
100mA/50V Digital transistors(with built-in resistors)
DTC024EM / DTC024EEB / DTC024EUB
Features
 
Dimensions (Unit : mm)
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external input resistors.
(See equivalent circuit)
2) The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation,
making the device design easy.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Applications
Inverter, Interface, Driver
Packaging specifications
Equivalent circuit
R1=R2=22k
Absolute maximum (Ta=25
C)
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land
Range of storage temperature
Tstg
-55 to +150
C
mW
Junction temperature
Tj
150
C
Power dissipation *2
PD
150
200
Output current
IO
30
mA
Collector current *1
IC(max)
100
mA
Input voltage
VIN
40
V
-10
V
Supply voltage
VCC
50
V
Parameter
Symbol
Limits(DTC024E□)
Unit
MEB
UB
DTC024EUB
-
-
○
DTC024EEB
-○
-
DTC024EM
○
--
TL
Basic ordering
unit (pieces)
8000
3000
3000
UMT3F
Packaging Type
Taping
Taping
Taping
Type
Package
VMT3
EMT3F
Code
T2L
TL
VMT3
EMT3F
(1)
(2)
(3)
UMT3F
2.0
0.32
0.65 0.65
1.3
(1)
(2)
(3)
0.9
0.13
Abbreviated symbol : 48
Abbreviated symbol : 48
Abbreviated symbol : 48
OUT
OUT
GND
GND
R1
R2
IN
IN
1/2
2011.08 - Rev.A


Similar Part No. - DTC024EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC024EEB ROHM-DTC024EEB Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC024EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
-100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com