Electronic Components Datasheet Search
  English  ▼

X  

WP7 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP7
Description  0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP7 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WP7 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP7 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP7 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP7 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP7 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. WP7 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. WP7 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MB-0228-1
2/7
JAE PMK Div. Proprietary. Copyright © 2011, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Component
Material / Finish
Contact
Cu alloy / Au plating (0.1 µm min.)
Insulator
Heat-resistant plastic
Hold-Down
Plug: Cu alloy / Au plating (0.1µm min.)
Receptacle: Cu alloy / Sn plating
Ordering Information (Plug)
WP7 * -P *** V A * - R****
Ordering Information (Receptacle)
WP7 * -S *** V A * - R****
Note 1) An embossed tape reel contains 6,000 pieces of standard product,
or 300 pieces of inspection jig product.
Please contact us for details on embossed tape specifications.
Modification Code
1: Standard Product
E: Inspection Jig Product
Series
No. of Contacts
Reel Part Number (Note 1)
(R6000: For Standard Product)
(R300: For Inspection Jig Product)
Finish A: Au plating
Connection Type V: Stacking
Contact Shape P: Plug
Modification Code
Modification Code
1: Standard Product
E: Inspection Jig Product
Series
No. of Contacts
Reel Part Number (Note 1)
(R6000: For Standard Product)
(R300: For Inspection Jig Product)
Finish A: Au plating
Connection Type V: Stacking
Contact Shape S: Receptacle
Modification Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com