Electronic Components Datasheet Search
  English  ▼

X  

SSL2101 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL2101
Description  Dimmable GreenChip driver for LED lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL2101 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL2101_11 Datasheet HTML 1Page - NXP Semiconductors SSL2101_11 Datasheet HTML 2Page - NXP Semiconductors SSL2101_11 Datasheet HTML 3Page - NXP Semiconductors SSL2101_11 Datasheet HTML 4Page - NXP Semiconductors SSL2101_11 Datasheet HTML 5Page - NXP Semiconductors SSL2101_11 Datasheet HTML 6Page - NXP Semiconductors SSL2101_11 Datasheet HTML 7Page - NXP Semiconductors SSL2101_11 Datasheet HTML 8Page - NXP Semiconductors SSL2101_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SSL2101
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4.1 — 5 December 2011
4 of 23
NXP Semiconductors
SSL2101
Dimmable Greenchip driver for LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration SO16
SSL2101
SBLEED
DRAIN
WBLEED
GND
VCC
GND
GND
GND
GND
SOURCE
BRIGHTNESS
AUX
RC2
ISENSE
RC
PWMLIMIT
014aaa568
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3:
Pin description
Symbol
Pin
Description
SBLEED
1
drain of internal strong bleeder switch
WBLEED
2
drain of internal weak bleeder switch
VCC
3
supply voltage
GND
4
ground
GND
5
ground
BRIGHTNESS
6
brightness input
RC2
7
setting for frequency reduction
RC
8
frequency setting
PWMLIMIT
9
PWM limit input
ISENSE
10
current sense input for WBLEED
AUX
11
Input for voltage from auxiliary winding for timing
(demagnetization)
SOURCE
12
source of internal power switch
GND
13
ground
GND
14
ground
GND
15
ground
DRAIN
16
drain of internal power switch; input for start-up current and valley
sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com