Electronic Components Datasheet Search
  English  ▼

X  

WLS1271L Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # WLS1271L
Description  WLS1271L Wireless Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

WLS1271L Datasheet(HTML) 1 Page - RF Monolithics, Inc

  WLS1271L Datasheet HTML 1Page - RF Monolithics, Inc WLS1271L Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WLS1271L Wireless Module
Product Brief
RF Monolithics, Inc., 4441 Sigma Road, Dallas, TX 75244
Phone: +1.972.233.2903, E-mail: info@rfm.com, Web: www.rfm.com
W L S 1 2 7 1 L M o d u l e
2 . 4 G H z
W L A N / B T
V B A T
V I O
U A R T
P C M
S D I O
S l o w C L K
F a s t C L K
F r o n t E n d
I C a n d R F
F i l t e r i n g
D C - D C
C o n v e r t e r
W L 1 2 7 1 L
The WLS1271L provides 2.4 GHz WLAN plus Bluetooth
functionality in an ultra-small module. The WLS1271L is
based on TI’s WL1271L SOC. The module features op-
timized RF performance including a high-efficiency RF
front end circuit. An integrated DC-DC converter allows
the module to operate from a single input voltage. The
module is designed to fit into small spaces, and requires
a minimum of external components to operate. Software
drivers are available for Linux, Android and WinCE oper-
ating systems.
Features
IEEE 802.11b/g + IEEE 802.11n WLAN MAC base-
band processor
IEEE 802.11n single stream data rates (MCSO-7)
and SGI support
Single-ended digital radio processor (DRP) RF
implementation with internal LNA
SDIO WLAN host interface
Cisco Client eXtension (CCX) support
Bluetooth Version 4.0 including 2 and 3 Mbps en-
hanced data rates
High Rate 4-wire UART HCI (H4) and 3-wire UART
HCI (H5)
Lower Bluetooth layers up to HCI included
Optimized for low current consumption in all operat-
ing modes
Extremely low current sleep mode
Flexible reference clock input - 19.2, 26, 38.4 or
52 MHz reference clock
Integrated DC-to-DC converter provides single
supply operation
Package dimensions: 9 x 11 x 1.4 mm maximum
Bluetooth Specifications
V4.0 + RDR, Power Class 1.5 + BLE
Operating Frequency Range: 2.4000 to 2.4835 GHz
Data Rates: 1, 2, 3 Mbps
Transmit Power: +8.5 dBm
Receive Sensitivity, 1 Mbps: -90 dBm
Transmit/Receive Supply Current: 38 mA (DH1)
Security
Hardware-based encryption/decryption for 64-, 128- and
256-bit WEP, TKIP and AES keys
IEEE 802.11 d/e/h/i/k/r/s PICS compliant
WEP, TKIP, WPA & WPA2, AES/CCMP per 802.11i
Standard Host Processors/Operating
Systems with Driver Support
OMAP 3, OMAP 4, AM 18x, AM 37x
Linux 2.6
Android
WinCE
Environmental
Supply Voltage: 3.0 to 4.2 Vdc
Operating Temperature Range: -40 to +85
C
RH: 5 to 95% non-condensing
RoHS Compliant
Interfaces
WLAN: SDIO
BT: UART
WLAN Specifications
IEEE 802.11a/b/g/n compliant
Operating Frequency Range: 2.412 to 2.472 GHz
Data Rates
802.11b: 11, 5.5, 2, 1 Mbps
802.11g: 54, 48, 36, 24, 18, 12, 9, 6 Mbps
802.11n: 65, 58.5, 52, 39, 26, 19.5, 13, 6.5 Mbps
Transmit Power: +18 dBm
Receive Sensitivity
802.11b, 11 Mbps: -87 dBm
802.11g, 54 Mbps: -74 dBm
802.11n, 65 Mbps: -70 dBm
Supply Current
Transmit: 180 mA
Receive: 100 mA


Similar Part No. - WLS1271L

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
WLS1270 RFM-WLS1270 Datasheet
909Kb / 1P
WLS1270 Wireless Module
WLS1270-EV RFM-WLS1270-EV Datasheet
909Kb / 1P
WLS1270 Wireless Module
WLS1273L RFM-WLS1273L Datasheet
299Kb / 2P
WLS1273L Wireless Module
logo
Murata Manufacturing Co...
WLS1273L MURATA-WLS1273L Datasheet
355Kb / 2P
Wireless Module
More results

Similar Description - WLS1271L

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
WLS1273L RFM-WLS1273L Datasheet
299Kb / 2P
WLS1273L Wireless Module
logo
List of Unclassifed Man...
SIM5212 ETC1-SIM5212 Datasheet
2Mb / 12P
Wireless Module Solutions
logo
Rohm
BP359B ROHM-BP359B Datasheet
1Mb / 29P
Wireless LAN Module
logo
Dialog Semiconductor
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
logo
Murata Manufacturing Co...
WLS1273L MURATA-WLS1273L Datasheet
355Kb / 2P
Wireless Module
logo
HOPE Microelectronics C...
RFM210LCF HOPE-RFM210LCF Datasheet
677Kb / 5P
Wireless Receiver Module
RFM210LCF-S1 HOPE-RFM210LCF-S1 Datasheet
258Kb / 3P
Wireless Receiver Module
RFM210LH-D HOPE-RFM210LH-D Datasheet
412Kb / 3P
Wireless Receiver Module
logo
Dialog Semiconductor
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
logo
PHOENIX CONTACT
2901540 PHOENIX-2901540 Datasheet
208Kb / 18P
Wireless module
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com