Electronic Components Datasheet Search
  English  ▼

X  

MSL0101 Datasheet(PDF) 1 Page - Rohm

Part # MSL0101
Description  Side view RGB LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MSL0101 Datasheet(HTML) 1 Page - Rohm

  MSL0101 Datasheet HTML 1Page - Rohm MSL0101 Datasheet HTML 2Page - Rohm MSL0101 Datasheet HTML 3Page - Rohm MSL0101 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
Specifications
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.(V) IF(mA) Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
■
■ MSL0101RGB
■
AlGaInP
Red
400
50
100
※
5
-40 to +85 -40 to +100
2.1
20
10
5
619
624
629
20
450
700
20
InGaN
Green
40
3.3
-
-
520
527
535
710 1200
Blue
3.2
465
470
475
220
400
※Duty1/20, 1ms or less
R
①② ③④⑤ ⑥⑦
G
B
MSL0101RGB
2.2
(0.4)
6.9
0.5
6.4
1
5.4
①PinMark
① ② ③ ④ ⑤ ⑥ ⑦
1.06
0.6
0.6
0.32
0.3
0.3
Tolerance : ±0.2
(unit : mm)
(unit : mm)
Dimensions
Viewing Angle
Recommended Solder Pattern
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
X - Y
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
X’ - Y’
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
Red(R)
Green(G)
Blue(B)
Red(R)
Green(G) / Blue(B)
Color
Type
R
G B
MSL0101 series
Features
・Side view RGB LEDs
・High brightness, superior color mixing
SRGB-S
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.11 - Rev.A


Similar Part No. - MSL0101

ManufacturerPart #DatasheetDescription
logo
Rohm
MSL0101RGBU1 ROHM-MSL0101RGBU1 Datasheet
137Kb / 4P
SRGB-S
More results

Similar Description - MSL0101

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
logo
Rohm
MSL0104RGB ROHM-MSL0104RGB Datasheet
871Kb / 11P
Side view RGB LEDs
MSL0201RGB ROHM-MSL0201RGB Datasheet
652Kb / 10P
Side view RGB LEDs
logo
Everlight Electronics C...
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
Side View LEDs
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
Side View LEDs
EAPL3810A8 EVERLIGHT-EAPL3810A8 Datasheet
660Kb / 16P
Side View LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com