Electronic Components Datasheet Search
  English  ▼

X  

MSL0101RGB Datasheet(PDF) 2 Page - Rohm

Part # MSL0101RGB
Description  Side view RGB LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MSL0101RGB Datasheet(HTML) 2 Page - Rohm

  MSL0101RGB Datasheet HTML 1Page - Rohm MSL0101RGB Datasheet HTML 2Page - Rohm MSL0101RGB Datasheet HTML 3Page - Rohm MSL0101RGB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE:VF (V)
100
10
1.0
2.0
3.0
4.0
5.0
1
Ta=25°C
■
■
■
■MSL0101RGB(R)
■MSL0101RGB(G)
■MSL0101RGB(B)
FORWARD CURRENT : IF (mA)
0
10
20
30
40
50
2.5
2.0
1.5
1.0
0.5
0
Ta=25°C
■
■
■
■MSL0101RGB(R)
■MSL0101RGB(G)
■MSL0101RGB(B)
ATMOSPHERE TEMPERATURE:Ta (°C)
0
60
50
40
30
20
10
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
■
■
■MSL0101RGB(R)
■MSL0101RGB(G)
■MSL0101RGB(B)
ATMOSPHERE TEMPERATURE : Ta (°C)
0.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90100
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
IF=20mA
■
■
■MSL0101RGB(R)
■MSL0101RGB(G)
■MSL0101RGB(B)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
MSL0101 series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.11 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com