Electronic Components Datasheet Search
  English  ▼

X  

PSL0102WBFD Datasheet(PDF) 2 Page - Rohm

Part # PSL0102WBFD
Description  High Power White LEDs SSML series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSL0102WBFD Datasheet(HTML) 2 Page - Rohm

  PSL0102WBFD Datasheet HTML 1Page - Rohm PSL0102WBFD Datasheet HTML 2Page - Rohm PSL0102WBFD Datasheet HTML 3Page - Rohm PSL0102WBFD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
Electrical Characteristics Curves
PSL0102 series
Forward Current-Forward Voltage
FORWARD VOLTAGE:VF (V)
1000
100
10
2.0
2.5
3.0
3.5
4.5
4.0
1
Ta=25°C
■ ■PSL0101WBEA
■PSL0101WBEB
■PSL0101WBEC
■PSL0101WBED
■PSL0101WBFA
■PSL0101WBFB
■PSL0101WBFC
■PSL0101WBFD
■PSL0102WBEA
■PSL0102WBEB
■PSL0102WBEC
■PSL0102WBED
■PSL0102WBEA
■PSL0102WBEB
■PSL0102WBEC
■PSL0102WBED
■PSL0102WBEA
■PSL0102WBEB
■PSL0102WBEC
■PSL0102WBED
Luminous Intensity-Atmosphere Temperature
■PSL0101WBEA
■PSL0101WBEB
■PSL0101WBEC
■PSL0101WBED
■PSL0101WBFA
■PSL0101WBFB
■PSL0101WBFC
■PSL0101WBFD
■
ATMOSPHERE TEMPERATURE:Ta (°C)
0.4
1.6
1.4
1.2
1.0
0.8
0.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90 100110120130
IF=120mA
IF=350mA
■ ■PSL0101WBEA
■PSL0101WBEB
■PSL0101WBEC
■PSL0101WBED
■PSL0101WBFA
■PSL0101WBFB
■PSL0101WBFC
■PSL0101WBFD
ATMOSPHERE TEMPERATURE:Ta (°C)
0
300
250
200
150
100
50
-40-30-20-10 0 10 20 30 40 50 60 70 80 90 100110120130
Derating
Luminous Flux-Forward Current (PSL0102 series)
【5000K】
■
■
■PSL0102WBEA
■PSL0102WBEB
■PSL0102WBEC
■PSL0102WBED
FORWARD CURRENT : IF (mA)
0
100
50
150
200
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25°C
【3000K】
■
■
■PSL0102WBFA
■PSL0102WBFB
■PSL0102WBFC
■PSL0102WBFD
FORWARD CURRENT:IF (mA)
0
100
50
150
200
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25°C
2/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.01 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com