Electronic Components Datasheet Search
  English  ▼

X  

BC856T Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BC856T
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC856T Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BC856T Datasheet HTML 1Page - Central Semiconductor Corp BC856T Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC856T SERIES
BC857T SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BC856T and
BC857T Series types are PNP Silicon Transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
general purpose switching and amplifier applications.
MARKING CODE: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BC857T
BC856T
UNITS
Collector-Base Voltage
VCBO
50
80
V
Collector-Emitter Voltage
VCEO
45
65
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
100
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
15
nA
ICBO
VCB=30V, TA=150°C
5.0
μA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10μA (BC857T)
50
V
BVCBO
IC=10μA (BC856T)
80
V
BVCEO
IC=10mA (BC857T)
45
V
BVCEO
IC=10mA (BC856T)
65
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=0.5mA
0.20
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.40
V
VBE(ON)
IC=2.0mA, VCE=5.0V
0.58
0.70
V
VBE(ON)
IC=10mA, VCE=5.0V
0.77
V
fT
VCE=5.0V, IC=10mA, f=100MHz
100
MHz
Cc
VCB=10V, IE=0, f=1.0MHz
2.5
pF
Ce
VEB=0.5V, IC=0, f=1.0MHz
10
pF
NF
VCE=5.0V, IC=200μA,
RS=2.0KΩ, f=1.0KHz, BW=200Hz
10
dB
BC856AT
BC856BT
BC857AT
BC857BT
BC857CT
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=5.0V, IC=2.0mA
125
250
220
475
420
800
SOT-523 CASE
R1 (20-November 2009)
www.centra lsemi.com


Similar Part No. - BC856T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856T PHILIPS-BC856T Datasheet
46Kb / 8P
PNP general purpose transistors
1999 Apr 26
logo
Infineon Technologies A...
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
PNP Silicon AF Transistor
Jan-08-2002
logo
NXP Semiconductors
BC856T NXP-BC856T Datasheet
153Kb / 9P
PNP general purpose transistors
2000 Nov 15
logo
Galaxy Semi-Conductor H...
BC856T BILIN-BC856T Datasheet
168Kb / 4P
PNP General Purpose Transistor
Rev.A
logo
Nexperia B.V. All right...
BC856T NEXPERIA-BC856T Datasheet
352Kb / 10P
PNP general purpose transistors
2000 Nov 15
More results

Similar Description - BC856T

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com