Electronic Components Datasheet Search
  English  ▼

X  

BCV72 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCV72
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCV72 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCV72 Datasheet HTML 1Page - Central Semiconductor Corp BCV72 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCV72
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCV72 is a Silicon
NPN Transistor manufactured by the epitaxial planar
process, epoxy molded in a surface mount package,
designed for general purpose applications.
MARKING CODE: K8
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=20V
100
nA
ICBO
VCB=20V, TA=100°C
10
μA
BVCEO
IC=2.0mA
60
V
BVCBO
IC=10μA
80
V
BVEBO
IC=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=0.5mA
250
mV
VBE(ON)
VCE=5.0V, IC=2.0mA
550
700
mV
hFE
VCE=5.0V, IC=2.0mA
200
450
Cob
VCB=10V, IE=0, f=1.0MHz
2.5
pF
fT
VCE=5.0V, IC=10mA, f=35MHz
300
MHz
NF
VCE=5.0V, IC=200μA, RS=2.0kΩ
f=1.0kHz, B=200Hz
10
dB
SOT-23 CASE
R1 (20-November 2009)
www.centra lsemi.com


Similar Part No. - BCV72

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV72 PHILIPS-BCV72 Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
KEC(Korea Electronics)
BCV72 KEC-BCV72 Datasheet
154Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
logo
Diotec Semiconductor
BCV72 DIOTEC-BCV72 Datasheet
177Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BCV72 KEXIN-BCV72 Datasheet
39Kb / 2P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72 NXP-BCV72 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
More results

Similar Description - BCV72

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222A CENTRAL-CMPT2222A_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5088 CENTRAL-CMPT5088_10 Datasheet
330Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT6428 CENTRAL-CMPT6428_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com