Electronic Components Datasheet Search
  English  ▼

X  

BCX71 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCX71
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCX71 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCX71 Datasheet HTML 1Page - Central Semiconductor Corp BCX71 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX71 SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCX71 Series
types are PNP Silicon Transistors manufactured
by the epitaxial planar process, epoxy molded in a
surface mount package, designed for general purpose
switching and amplifier applications.
MARKING CODES: SEE MARKING CODE TABLE
ON FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=45V
20
nA
ICBO
VCB=45V, TA=150°C
20
μA
IEBO
VEB=4.0V
20
nA
BVCBO
IC=10μA
45
V
BVCEO
IC=10mA
45
V
BVEBO
IE=1.0μA
5.0
V
VCE(SAT)
IC=10mA, IB=250μA
0.06
0.25
V
VCE(SAT)
IC=50mA, IB=1.25mA
0.12
0.55
V
VBE(SAT)
IC=10mA, IB=250μA
0.60
0.85
V
VBE(SAT)
IC=50mA, IB=1.25mA
0.68
1.05
V
VBE(ON)
VCE=5.0V, IC=2.0mA
0.60
0.75
V
fT
VCE=5.0V, IC=10mA, f=100MHz
100
MHz
Cc
VCB=10V, IE=0, f=1.0MHz
4.5
pF
Ce
VEB=0.5V, IC=0, f=1.0MHz
11
pF
NF
VCE=5.0V, IC=200μA, RS=2.0kΩ,
f=1.0kHz, BW=200Hz
6.0
dB
BCX71G
BCX71H
BCX71J
BCX71K
MIN
MAX
MIN
MAX
MIN MAX
MIN MAX
hFE
VCE=5.0V, IC=10μA
30
40
100
hFE
VCE=5.0V, IC=2.0mA
120
220
180
310
250
460
380
630
hFE
VCE=1.0V, IC=50mA
60
80
100
110
SOT-23 CASE
R2 (20-November 2009)
www.centra lsemi.com


Similar Part No. - BCX71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Infineon Technologies A...
BCX71 INFINEON-BCX71 Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCX71 DIOTEC-BCX71 Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BCX71 ZETEX-BCX71 Datasheet
204Kb / 2P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
NXP Semiconductors
BCX71 NXP-BCX71 Datasheet
132Kb / 7P
PNP general purpose transistors
2004 Feb 16
More results

Similar Description - BCX71

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMST5086 CENTRAL-CMST5086_10 Datasheet
407Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com