Electronic Components Datasheet Search
  English  ▼

X  

BFX89 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BFX89
Description  NPN SILICON RF TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BFX89 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BFX89 Datasheet HTML 1Page - Central Semiconductor Corp BFX89 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
BFX89
BFY90
NPN SILICON
RF TRANSISTORS
R3 (20-March 2006)
JEDEC TO-72 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) EMITTER
2) BASE
3) COLLECTOR
4) CASE
ELECTRICAL CHARACTERISTICS (CONTINUED): (TA=25°C unless otherwise noted)
BFX89
BFY90
SYMBOL TEST CONDITIONS
MIN TYP MAX
MIN TYP MAX
UNITS
Gpe
VCE=10V, IC=8mA, f=200MHz
19
22
dB
Gpe
VCE=10V, IC=8mA, f=800MHz
7.0
dB
Gpe
VCE=10V, IC=14mA, f=200MHz
21
23
dB
Gpe
VCE=10V, IC=14mA, f=800MHz
8.0
dB
NF
VCE=5.0V, IC=2.0mA, f=100kHz
4.0
dB
NF
VCE=5.0V, IC=2.0mA, f=200MHz
3.3
4.0
2.5
3.5
dB
NF
VCE=5.0V, IC=2.0mA, f=500MHz, RG=50Ω
6.5
5.0
dB
NF
VCE=5.0V, IC=2.0mA, f=800MHz
7.0
5.5
dB
Po
VCE=10V, IC=8mA, f=205MHz
6.0
mW
Po
VCE=10V, IC=14mA, f=205MHz
10
12
mW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com