Electronic Components Datasheet Search
  English  ▼

X  

CBAT54 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBAT54
Description  SURFACE MOUNT SILICON SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBAT54 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBAT54 Datasheet HTML 1Page - Central Semiconductor Corp CBAT54 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBAT54
CBAT54A
CBAT54C
CBAT54S
SURFACE MOUNT
SILICON SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBAT54 Series
types are Silicon Schottky Diodes in an SOT-23
Surface Mount Package.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
30
V
Continuous Forward Current
IF
200
mA
Peak Repetitive Forward Current
IFRM
300
mA
Forward Surge Current, tp=10ms
IFSM
600
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=25V
2.0
μA
VF
IF=0.1mA
240
mV
VF
IF=1.0mA
320
mV
VF
IF=10mA
400
mV
VF
IF=30mA
500
mV
VF
IF=100mA
800
mV
Cd
VR=1.0V, f=1.0MHz
10
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
CBAT54:
SINGLE
MARKING CODE: CL4
CBAT54A: DUAL, COMMON ANODE
MARKING CODE: CL42
CBAT54C: DUAL, COMMON CATHODE
MARKING CODE: CL43
CBAT54S: DUAL, IN SERIES
MARKING CODE: CL44
SOT-23 CASE
R1 (20-November 2009)
www.centra lsemi.com


Similar Part No. - CBAT54

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBAT54 CENTRAL-CBAT54 Datasheet
114Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54 CENTRAL-CBAT54 Datasheet
588Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54A CENTRAL-CBAT54A Datasheet
114Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54A CENTRAL-CBAT54A Datasheet
588Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54AW CENTRAL-CBAT54AW Datasheet
132Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
More results

Similar Description - CBAT54

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBAT54W CENTRAL-CBAT54W Datasheet
132Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT754 CENTRAL-CBAT754 Datasheet
114Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMPSH-3 CENTRAL-CMPSH-3_10 Datasheet
588Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3 CENTRAL-CMSSH-3_10 Datasheet
670Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUSH2-4 CENTRAL-CMUSH2-4_10 Datasheet
483Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54 CENTRAL-CBAT54_15 Datasheet
588Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54W CENTRAL-CBAT54W_15 Datasheet
410Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3 CENTRAL-CMSSH-3_15 Datasheet
687Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E_15 Datasheet
500Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUSH2-4 CENTRAL-CMUSH2-4_15 Datasheet
494Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com