Electronic Components Datasheet Search
  English  ▼

X  

CLLRH Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLLRH
Description  SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLLRH Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLLRH_10 Datasheet HTML 1Page - Central Semiconductor Corp CLLRH_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLLRH SERIES
SURFACE MOUNT
SILICON GENERAL PURPOSE
RECTIFIER
0.5 AMP, 200 THRU 600 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLLRH Series
0.5 amp leadless glass silicon rectifier is a high
quality, well constructed, highly reliable component
designed for use in all types of commercial, industrial,
entertainment, computer and automotive applications
where space is critical.
MARKING: CATHODE BAND
FEATURES:
• High Current Density
• High Reliability
• Special Selections Available
• Robust Glass Construction
• Superior Lot to Lot
Consistency
SOD-80 CASE
CLLRH
CLLRH CLLRH
MAXIMUM RATINGS: (TA=25°C unless otherwise noted) SYMBOL
-02
-04
-06
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
V
DC Blocking Voltage
VR
200
400
600
V
RMS Reverse Voltage
VR(RMS)
140
280
420
V
Average Forward Current (TL=80°C)
IO
0.5
A
Peak Forward Surge Current
(Non-Repetitive, 8.3ms surge)
IFSM
10
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
200
nA
IR
VR=Rated VRRM, TA=150°C
25
µA
VF
IF=500mA
1.1
V
CJ
VR=4.0V, f=1.0MHz
10
pF
R4 (8-January 2010)
www.centra lsemi.com


Similar Part No. - CLLRH_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLLRH-02 CENTRAL-CLLRH-02 Datasheet
65Kb / 2P
GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CLLRH-04 CENTRAL-CLLRH-04 Datasheet
65Kb / 2P
GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CLLRH-06 CENTRAL-CLLRH-06 Datasheet
65Kb / 2P
GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
More results

Similar Description - CLLRH_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLLRH CENTRAL-CLLRH Datasheet
65Kb / 2P
GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMR1-02 CENTRAL-CMR1-02 Datasheet
190Kb / 2P
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02 Datasheet
281Kb / 2P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 600 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR3-02 CENTRAL-CMR3-02_11 Datasheet
280Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 200 THRU 1100 VOLTS
CMR2S-02 CENTRAL-CMR2S-02 Datasheet
296Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 2 AMP, 200 THRU 600 VOLTS
CPR4-020 CENTRAL-CPR4-020 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 600 VOLTS
CMR1U-02FL CENTRAL-CMR1U-02FL Datasheet
500Kb / 2P
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 600 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com