Electronic Components Datasheet Search
  English  ▼

X  

BTS130 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BTS130
Description  TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS130 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BTS130 Datasheet HTML 1Page - Siemens Semiconductor Group BTS130 Datasheet HTML 2Page - Siemens Semiconductor Group BTS130 Datasheet HTML 3Page - Siemens Semiconductor Group BTS130 Datasheet HTML 4Page - Siemens Semiconductor Group BTS130 Datasheet HTML 5Page - Siemens Semiconductor Group BTS130 Datasheet HTML 6Page - Siemens Semiconductor Group BTS130 Datasheet HTML 7Page - Siemens Semiconductor Group BTS130 Datasheet HTML 8Page - Siemens Semiconductor Group BTS130 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
04.97
TEMPFET®
BTS 130
3
2
1
Features
q
N channel
q
Enhancement mode
q
Temperature sensor with thyristor characteristic
q
The drain pin is electrically shorted to the tab
Pin
1
2
3
GD
S
Type
V
DS
I
D
R
DS(on)
Package
Ordering Code
BTS 130
50 V
27 A
0.05
Ω
TO-220AB
C67078-A5001-A3
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
V
DS
50
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
50
Gate-source peak voltage, aperiodic
V
gs
± 20
Continuous drain current,
T
C = 25 °C
I
D
27
A
ISO drain current
T
C = 85 °C, VGS = 10 V, VDS = 0.5 V
I
D-ISO
7.5
Pulsed drain current,
T
C = 25° C
I
D puls
108
Short circuit current,
T
j = – 55 ... + 150 ° C
I
SC
80
Short circuit dissipation,
T
j = – 55 ... + 150 °C
P
SCmax
1200
W
Power dissipation
P
tot
75
Operating and storage temperature range
T
j, Tstg
– 55 ... + 150
°C
DIN humidity category, DIN 40 040
–
E
–
IEC climatic category, DIN IEC 68-1
–
55/150/56
Thermal resistance
Chip-case
Chip-ambient
R
th JC
R
th JA
≤ 1.67
≤ 75
K/W


Similar Part No. - BTS130

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS130 INFINEON-BTS130 Datasheet
468Kb / 10P
TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
logo
Inchange Semiconductor ...
BTS130 ISC-BTS130 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - BTS130

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS110 SIEMENS-BTS110 Datasheet
320Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS112A SIEMENS-BTS112A Datasheet
319Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS114A SIEMENS-BTS114A Datasheet
335Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS120 SIEMENS-BTS120 Datasheet
310Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS129 SIEMENS-BTS129 Datasheet
264Kb / 8P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS240A SIEMENS-BTS240A Datasheet
327Kb / 9P
TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS120 INFINEON-BTS120 Datasheet
445Kb / 10P
TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
BTS130 INFINEON-BTS130 Datasheet
468Kb / 10P
TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
BTS240A INFINEON-BTS240A Datasheet
566Kb / 10P
TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com