Electronic Components Datasheet Search
  English  ▼

X  

CLL4617 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4617
Description  SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4617 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4617 Datasheet HTML 1Page - Central Semiconductor Corp CLL4617 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLL4614 THRU CLL4627
SURFACE MOUNT
500mW LOW NOISE
SILICON ZENER DIODES
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4614 Series
Silicon Zener Diode is a high quality voltage regulator
designed for low leakage, low current and low noise
applications.
MARKING: CATHODE BAND
*Available on special order; consult factory.
TYPE NO.
ZENER
VOLTAGE
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT=250μA
V
μA
Ω
μA
V
mA
μV/ Hz
CLL4614*
1.8
250
1200
7.5
1.0
120
1.0
CLL4615*
2.0
250
1250
5.0
1.0
110
1.0
CLL4616*
2.2
250
1300
4.0
1.0
100
1.0
CLL4617*
2.4
250
1400
2.0
1.0
95
1.0
CLL4618*
2.7
250
1500
1.0
1.0
90
1.0
CLL4619*
3.0
250
1600
0.8
1.0
85
1.0
CLL4620*
3.3
250
1650
7.5
1.5
80
1.0
CLL4621*
3.6
250
1700
7.5
2.0
75
1.0
CLL4622*
3.9
250
1650
5.0
2.0
70
1.0
CLL4623*
4.3
250
1600
4.0
2.0
65
1.0
CLL4624*
4.7
250
1550
10
3.0
60
1.0
CLL4625*
5.1
250
1500
10
3.0
55
2.0
CLL4626*
5.6
250
1400
10
4.0
50
4.0
CLL4627*
6.2
250
1200
10
5.0
45
5.0
MAXIMUM RATINGS: (TA=25oC)
SYMBOL
UNITS
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
oC
ELECTRICAL CHARACTERISTICS: (TA=25oC) VF=1.0V MAX @ IF=200mA (FOR ALL TYPES)
SOD-80 CASE
R6 (8-January 2010)
www.centra lsemi.com


Similar Part No. - CLL4617

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4617 CENTRAL-CLL4617 Datasheet
106Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
More results

Similar Description - CLL4617

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
500mW Low Noise Zener Diodes
logo
Central Semiconductor C...
CMKZ5221B CENTRAL-CMKZ5221B_10 Datasheet
556Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com