Electronic Components Datasheet Search
  English  ▼

X  

BTS131 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS131
Description  TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS131 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS131 Datasheet HTML 1Page - Siemens Semiconductor Group BTS131 Datasheet HTML 2Page - Siemens Semiconductor Group BTS131 Datasheet HTML 3Page - Siemens Semiconductor Group BTS131 Datasheet HTML 4Page - Siemens Semiconductor Group BTS131 Datasheet HTML 5Page - Siemens Semiconductor Group BTS131 Datasheet HTML 6Page - Siemens Semiconductor Group BTS131 Datasheet HTML 7Page - Siemens Semiconductor Group BTS131 Datasheet HTML 8Page - Siemens Semiconductor Group BTS131 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Examples for short-circuit protection
at
T
j = – 55 ... + 150 °C, unless otherwise specified.
Parameter
Symbol
Examples
Unit
12
–
Drain-source voltage
V
DS
15
30
–
V
Gate-source voltage
V
GS
6.2
4.1
–
Short-circuit current
I
SC
≤ 80
≤ 37
–
A
Short-circuit dissipation
P
SC
1200
1100
–
W
Response time
T
j = 25 °C, before short circuit
t
SC(off)
25
25
–
ms
BTS 131
Short-circuit protection
I
SC = f (VDS)
Parameter
:V
GS
Diagram to determine
I
SC for Tj = – 55 ... + 150 ˚C
Max. gate voltage
V
GS(SC) = f (VDS)
Parameter:
T
j = – 55 ... + 150 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com