| Electronic Components Datasheet Search |
|
MCD221FU Datasheet(PDF) 3 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MCD221FU Datasheet(HTML) 3 Page - Motorola, Inc |
|
3 / 10 page ![]() MCD221 2–3 MOTOROLA PIN DESCRIPTIONS SIGNAL DESCRIPTIONS Host Interface Mnemonic Type Name and Function A[13 … 1] O System Address Bus. The address must be stable before CS is asserted. Active HIGH. D[15 … 0] B System Data Bus. The data lines must be stable when CS is active during a write and before DTACK is asserted during a read. Tri–state. CS I Chip Select. Used to access the CIAP internal registers and buffers. Active LOW. R/W I Read/Write. Indicates the direction of the data transfer. When LOW, the transfer is to the CIAP. DTACK B Data Transfer Acknowledge. Active LOW. During normal host access, DTACK is an output indicating that data has been put on (read cycles) or read from (write cycles) the data bus. (Active pullup.) During DMA, DTACK is an input indicating that the memory has put data on the data bus. INT O Interrupt. Released when the interrupt status register is read. Active LOW. IACK I Interrupt Acknowledge. Active LOW. REQ O DMA Request. Active LOW. ACK I Acknowledge. DMA handshake signal indicating that the bus is available for data transfer. Active LOW. RDY O Ready. DMA handshake signal indicating that the CIAP has completed the data transfer. Tri–state. Active LOW. When released by the CIAP, the output is forced high for a few nanoseconds before it is made tri–state. DONE I Done. Indicates the last transfer of a DMA burst. Active LOW. Serial Interface Mnemonic Type Name and Function SCLK I Serial Clock. MOSI I Serial Data. Master out, slave in. MISO O Serial Data. Master in, slave out. MODE_0, MODE_1 I Serial Interface MODE bits. 00 = Write selected register 01 = Read selected register 10 = Write address 11 = No action Data Input Mnemonic Type Name and Function CLI I Serial Bit Clock Input. WSI I Word Clock Input. DAI I Serial Data Input. EFI I Error Flag Input. SUBCODE/EBU I Subcode (P … W) serial data input or EBU input for both main channel and subchannel. External Audio Interface Mnemonic Type Name and Function XCLI I External Audio Serial Bit Clock Input. When not used, the pin must be connected to VCC or VSS. XWSI I External Audio Word Clock Input. When not used, the pin must be connected to VCC or VSS. XDAI I External Audio Data Input. When not used, the pin must be connected to VCC or VSS. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |