Electronic Components Datasheet Search
  English  ▼

X  

1N3174 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N3174
Description  Si Rectifier, 200A < I(O)/I(F) s 500A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3174 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3174 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N3174

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3174 MICROSEMI-1N3174 Datasheet
127Kb / 2P
SILICON POWER RECTIFIER
1N3174 MICROSEMI-1N3174 Datasheet
90Kb / 3P
HIGH RELIABILITY SILICON POWER RECTIFIER
1N3174A MICROSEMI-1N3174A Datasheet
127Kb / 2P
SILICON POWER RECTIFIER
1N3174AR MICROSEMI-1N3174AR Datasheet
127Kb / 2P
SILICON POWER RECTIFIER
1N3174R MICROSEMI-1N3174R Datasheet
127Kb / 2P
SILICON POWER RECTIFIER
More results

Similar Description - 1N3174

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
SI RECTIFIER, 2A I(O)/I(F) S 5A
30S8 NJSEMI-30S8 Datasheet
72Kb / 1P
SI RECTIFIER, 2A < I(O)/I(F) S 5A
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
SI RECTIFIER, I(O)/I(F) S 100MA
1N250 NJSEMI-1N250 Datasheet
101Kb / 1P
SI RECTIFIER, 5A < I(O)/I(F) < 10A
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N483A NJSEMI-1N483A Datasheet
90Kb / 1P
SI RECTIFIER, 100MA < I(O)/I(F) S 200MA
1N3191 NJSEMI-1N3191 Datasheet
90Kb / 1P
Si Rectifiers, 500mA < I(O)/I(F) s 1A
1N3378 NJSEMI-1N3378 Datasheet
75Kb / 1P
SI RECTIFIER, 10A < I(O)/I(F) s 20A
1N3587 NJSEMI-1N3587 Datasheet
100Kb / 1P
Si Rectifier, 200A < I(O)/I(F) s 500A
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
Si Rectifier, 1A < I(O) / I(F) s 2A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com