Electronic Components Datasheet Search
  English  ▼

X  

C106B2 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # C106B2
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIER 4 AMP, 200 THRU 600 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C106B2 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  C106B2 Datasheet HTML 1Page - Central Semiconductor Corp C106B2 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C106B2
C106D2
C106M2
SENSITIVE GATE
SILICON CONTROLLED RECTIFIER
4 AMP, 200 THRU 600 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR C106B2 Series
types are 4.0A, PNPN sensitive gate triggering silicon
controlled rectifiers with voltages ranging from 200V
to 600V. These devices are designed for applications
such as temperature, light and speed control, and
remote warning and triggering applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
C106B2 C106D2 C106M2
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
V
RMS On-State Current (TC=85°C)
IT(RMS)
4.0
A
Peak One Cycle Surge Current, t=8.3ms
ITSM
20
A
I2t Value for Fusing
I2t
1.65
A2s
Peak Gate Power Dissipation (TC=80°C)
PGM
0.5
W
Average Gate Power Dissipation (TC=80°C)
PG(AV)
0.1
W
Peak Forward Gate Current (TC=80°C)
IGFM
0.2
A
Operating Junction Temperature
TJ
-40 to +110
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJC
7.5
°C/W
Thermal Resistance
ΘJA
80
°C/W
ELECTRICAL CHARACTERISTICS: (TJ=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0KΩ
10
μA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1.0KΩ, TJ=110°C
100
μA
VTM
IT=4.0A
2.2
V
IGT
VD=6.0V, RL=100Ω
200
μA
IGT
VD=6.0V, RL=100Ω, TJ=–40°C
500
μA
VGT
VD=6.0V, RL=100Ω
0.4
0.8
V
VGT
VD=6.0V, RL=100Ω, TJ=–40°C
0.5
1.0
V
IH
VD=12V
3.0
mA
IH
VD=12V, TJ=–40°C
6.0
mA
IH
VD=12V, TJ=110°C
2.0
mA
IL
VD=12V
5.0
mA
IL
VD=12V, TJ=–40°C
7.0
mA
dv/dt
VD=Rated VDRM, RGK=1.0KΩ, TJ=110°C
8.0
V/μs
TO-202-2 THYRISTOR CASE
R0 (15-February 2011)
www.centra lsemi.com


Similar Part No. - C106B2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C106B2 NJSEMI-C106B2 Datasheet
111Kb / 2P
The Type C106 Silicon Controlled Rectifier
More results

Similar Description - C106B2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
2N6071 CENTRAL-2N6071 Datasheet
81Kb / 2P
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CSD-4M CENTRAL-CSD-4M_10 Datasheet
480Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 600 THRU 800 VOLTS
C106B CENTRAL-C106B Datasheet
82Kb / 2P
4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com